Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC-SL Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # SDC-SL
Description  Apacer Micro SDC (Micro SATA Disk Chip, 關SDC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SDC-SL Datasheet(HTML) 3 Page - Apacer Technology Inc.

  SDC-SL Datasheet HTML 1Page - Apacer Technology Inc. SDC-SL Datasheet HTML 2Page - Apacer Technology Inc. SDC-SL Datasheet HTML 3Page - Apacer Technology Inc. SDC-SL Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
μSDC-SL
Interface
SATA 3.0 (6Gb/s)
Connector
BGA 156 Ball
Physical Form Factor (Inch)
MO-276
NAND Flash Type
SLC-Lite
Capacity
8GB~64GB
Sustained Read Performance (MB/sec)
Up to 500
Sustained Write Performance (MB/sec)
Up to 185
ECC Engine
Built-in 72-bit per 1K bytes BCH ECC
Standard Operating Temperature ( °C )
0 ~ + 70
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 85
Shock
1500G (complied with MIL-STD810)
Vibration
15G (complied with MIL-STD810)
Operating Voltage
5.0 V ± 5%
Low Power Consumption
Active mode: 330 mA & Idle mode: 105 mA
Dimension (L x W x H )
16 x 20 x 1.4 (mm)
MTBF (hours)
>1,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com