Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-H2-SL Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # SD-H2-SL
Description  ApacerIndustrial SD 5.1 card
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SD-H2-SL Datasheet(HTML) 2 Page - Apacer Technology Inc.

  SD-H2-SL Datasheet HTML 1Page - Apacer Technology Inc. SD-H2-SL Datasheet HTML 2Page - Apacer Technology Inc. SD-H2-SL Datasheet HTML 3Page - Apacer Technology Inc. SD-H2-SL Datasheet HTML 4Page - Apacer Technology Inc. SD-H2-SL Datasheet HTML 5Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Industrial SD H2-SL
Overview
Apacer SD H2-SL is compatible with the SD card version 5.1. The
command list supports [Physical Layer Specification Ver5] definitions.
Card Capacity of Non-secure Area, Secure Area Supports [Security
Specification Ver5] Specifications. Random performance of SD H2-SL
is much more enhanced than before.
The maximum transfer speed can be achieved along with UHS-I
compliant devices. Besides, Video Speed Class is compliant with V10
and V30, which are mainly useful for camcorders, video recorders
and other devices with video recording capabilities. With V10 and
V30 speed mode, SD card is recommended for high resolution and
high quality 4K video recording. Apacer SD H2-SL card is also
compliant with Application Performance Class A1, optimized for 4K
small file random read/write IOPS, delivering minimum read/write
performance at 1,900/800 IOPS at least.
The SD 5.1 card comes with 9-pin interface, designed to operate at
maximum operating frequency of 50MHz or 100MHz. It can
alternate communication protocol between the SD mode and SPI
mode and is backward compatible with SD 2.0 devices. It performs
data error detection and correction with very low power
consumption.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com