Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM5-7P90D-LP Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # SDM5-7P90D-LP
Description  Apacer SDM5 7P/90D LP(H)(SATA Disk Module 7-pin/90 Degree /with housing)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SDM5-7P90D-LP Datasheet(HTML) 2 Page - Apacer Technology Inc.

  SDM5-7P90D-LP Datasheet HTML 1Page - Apacer Technology Inc. SDM5-7P90D-LP Datasheet HTML 2Page - Apacer Technology Inc. SDM5-7P90D-LP Datasheet HTML 3Page - Apacer Technology Inc. SDM5-7P90D-LP Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDM5 7P/90D LP(H)
Overview
‧ 7-pin SATA connector
‧ Unique Hook Design
‧ Power Cable-less Solution
‧ Perfect Solution for 1U System
‧ TRIM Command Support
‧ Product Housing Selection (Optional)
‧ Built-in ATA Secure Erase and S.M.A.R.T. Functions
‧ Global Wear-Leveling and Block Management
Apacer SDM5 7P/90D LP(H)(SATA Disk Module 7-pin/90 Degree
/with housing)is one of the smallest SSDs in the market. With SATA
interface and only 12% of the size of a 2.5”hard disk, the SSD is 90%
lighter than traditional hard disks. The unique hook design of the
product, along with the innovative concept of ridding of power
cables, fully demonstrates the advantages of the shockproof feature
and built-in power supply. Its slim size enables a compact design
space that prevents mechanical interference and also conforms to
the trend of product “miniaturization”, and Apacer Inc. takes a
positive view on its application in the 1U enterprise server market
that requires slim chassis design.
Feature
(Optional)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com