Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473ISLROM Datasheet(PDF) 25 Page - Microchip Technology

Part # HCS473ISLROM
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473ISLROM Datasheet(HTML) 25 Page - Microchip Technology

Back Button HCS473ISLROM Datasheet HTML 21Page - Microchip Technology HCS473ISLROM Datasheet HTML 22Page - Microchip Technology HCS473ISLROM Datasheet HTML 23Page - Microchip Technology HCS473ISLROM Datasheet HTML 24Page - Microchip Technology HCS473ISLROM Datasheet HTML 25Page - Microchip Technology HCS473ISLROM Datasheet HTML 26Page - Microchip Technology HCS473ISLROM Datasheet HTML 27Page - Microchip Technology HCS473ISLROM Datasheet HTML 28Page - Microchip Technology HCS473ISLROM Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 23
HCS473
3.2.3
TRANSPONDER COMMANDS
TABLE 3-5:
LIST OF AVAILABLE TRANSPONDER COMMANDS
Command
Option
Description
Select Transponder
(Section 3.2.3.1)
0002
-
Select HCS473, used to isolate communication to a single HCS473
Present Transport Code (1)
(Section 3.2.3.2)
0012
-
Used to gain write access to the device EEPROM memory locations
Identify Friend or Foe (IFF) (1)
(Section 3.2.3.3)
0102
0002
32-bit IFF using the Transponder Key
0012
16-bit IFF using the Transponder Key
0102
32-bit IFF using the Encoder Key
0112
16-bit IFF using the Encoder Key
Read EEPROM (1)
(Section 3.2.3.4)
1002
0002
Read 16-bit User EEPROM 0
0012
Read 16-bit User EEPROM 1
0102
Read 16-bit User EEPROM 2
0112
Read 16-bit User EEPROM 3
1002
Read Most Significant 16 bits of the Serial Number
1012
Read Least Significant 16 bits of the Serial Number
1102
Read 16-bit Device Identifier #1 (12-bit Vehicle ID #1 and 4-bit Token ID #1)
1112
Read 16-bit Device Identifier #2 (12-bit Vehicle ID #2 and 4-bit Token ID #1)
Write EEPROM (1) (2)
(Section 3.2.3.5)
1012
0002
Write 16-bit User EEPROM 0
0012
Write 16-bit User EEPROM 1
0102
Write 16-bit User EEPROM 2
0112
Write 16-bit User EEPROM 3
1002
Write Most Significant 16 bits of the Serial Number
1012
Write Least Significant 16 bits of the Serial Number
1102
Write 16-bit Device Identifier #1 (12-bit Vehicle ID #1 and 4-bit Token ID #1)
1112
Write 16-bit Device Identifier #2 (12-bit Vehicle ID #2 and 4-bit Token ID #1)
Request Hopping Code (1)
(Section 3.2.3.6)
1102
-
Request Hopping Code transmission
Anticollision OFF
(Section 3.2.3.7)
1112
-
Temporarily bypass a HCS473’s anticollision requirements.
Note 1: Command must be preceded by successful Select Transponder or Anticollision Off sequence if anticolli-
sion is enabled.
2: A successful Present Transport Code sequence must first occur to gain write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com