Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3JB Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # RS3JB
Description  3.0 AMPERE GLASS PASSIVATED SURFACE MOUNT FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

RS3JB Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  RS3JB Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. RS3JB Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS3AB thru RS3MB
Pb Free Plating Product
RS3AB thru RS3MB
3.0 AMPERE GLASS PASSIVATED SURFACE MOUNT FAST RECOVERY RECTIFIERS
Pb
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.10T
Case:SMB/DO-214AA Package
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode band
Mounting Position: Any
Weight:
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURE
MECHANICAL DATA
Glass passivated chip junction
0.11 gram approximately
APPLICATION
LED SMPS/Industrial power supply
HID ballast stabilizer/Audio amplifier
Telecommunication SMPS/LED street lamp
OUTLINE
Unit:inch(millimeter)
SMB/DO-214AA
Cathode Band
0.155 (3.94)
0.130 (3.30)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
0.180 (4.57)
0.160 (4.06)
0.086 (2.20)
0.077 (1.95)
Ratings at
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
25
°C
Absolute Maximum Ratings and Characteristics
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Forward Voltage at 3 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
Typical Junction Capacitance
at V =4V, f=1MHz
R
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
T , T
j
stg
V
V
V
3
90
5
100
4
0
-55 ~ +150
A
A
V
μA
ns
°C
Symbols
Maximum Reverse Recovery Time
trr
pF
Units
1.3
Typical Thermal Resistance
RθJA
R
θJC
48
16
°C/W
(1)
(2)
Maximum DC Reverse Current
T = 25
°C
a
at Rated DC Blocking Voltage
T =125
°C
a
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
150
250
500
RS3MB
RS3AB
RS3BB
RS3DB
RS3GB
RS3JB
RS3KB
.
(2)
(1)Measured with I = 0.5 A, I = 1 A, I = 0.25 A
F
R
rr
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.


Similar Part No. - RS3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3JB DIODES-RS3JB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Galaxy Semi-Conductor H...
RS3JB BILIN-RS3JB Datasheet
64Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Daya Electric Group Co....
RS3JB DAYA-RS3JB Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RS3JB LUGUANG-RS3JB Datasheet
167Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS3JB TAYCHIPST-RS3JB Datasheet
2Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS3JB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
FM4935 LRC-FM4935_15 Datasheet
153Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
RS1A HY-RS1A_17 Datasheet
138Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS1AL HY-RS1AL_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS2AA HY-RS2AA_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3AB HY-RS3AB_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
SMBF202F GOOD-ARK-SMBF202F Datasheet
392Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A YIXIN-RS3A Datasheet
205Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com