Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0690ATFS Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0690ATFS
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0690ATFS Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0690ATFS Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0690ATFS Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0690ATFS Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0690ATFS Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0690ATFS Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0690ATFS Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P0690ATF / P0690ATFS
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
900
2
3.4
4
±100
nA
1
100
2
2.35
Ω
6
S
1610
89
9
34
10.5
11
80
190
120
130
6
A
1.4
V
545
nS
3.6
μC
1Pulse test : Pulse Width
 380 msec, Duty Cycle  2%.
2Independent of operating temperature.
3 Pulse width limited by maximum junction temperature.
TEST CONDITIONS
PARAMETER
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Turn-On Delay Time
2
Turn-Off Delay Time
2
Fall Time
2
Input Capacitance
IF = 6A, VGS = 0V
nS
VDD = 450V, ID = 6A, RG = 6Ω
td(on)
tr
td(off)
tf
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
Gate-Source Charge
2
Reverse Transfer Capacitance
nC
pF
Output Capacitance
Gate-Drain Charge
2
Total Gate Charge
2
Qg
Forward Transconductance
1
VGS = 0V, ID = 250mA
V(BR)DSS
Gate Voltage Drain Current
Gate-Body Leakage
VDS = 480V, VGS = 0V, TC = 25 °C
Drain-Source On-State
Resistance
1
VDS = VGS, ID = 250mA
VGS = 10V, ID = 3A
IDSS
gfs
mA
VDS = 10V, ID = 3A
VDD = 720V, VGS = 10V, ID = 6A
Ciss
Coss
Crss
Qgd
Qgs
VGS = 0V, VDS = 25V, f = 1MHz
IGSS
V
Drain-Source Breakdown Voltage
VGS(th)
RDS(ON)
VDS = 400V, VGS = 0V , TC = 100 °C
VDS = 0V, VGS = ±30V
SYMBOL
DYNAMIC
STATIC
LIMITS
UNIT
IF = 6A,
dlF/dt = 100A / μS
Gate Threshold Voltage
Rise Time
2
Ver 1.0
2
2012/6/14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com