Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0908AT Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0908AT
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0908AT Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0908AT Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908AT Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908AT Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908AT Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908AT Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P0908AT
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
80
2
3.4
4
±100
nA
1
10
8.1
12
7
9
57
S
2853
355
199
0.9
Ω
VGS = 10V
55
VGS = 7V
41.5
15.3
19.4
37
42
63
48
59
A
1.4
V
35
nS
40
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
TEST CONDITIONS
STATIC
LIMITS
UNITS
PARAMETER
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
IF = 20A, VGS = 0V
nS
VDD = 15V,
ID @ 20A, VGS = 10V, RGEN = 6Ω
td(on)
tr
td(off)
tf
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Turn-On Delay Time
2
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
VGS = 10V, ID = 20A
VDS = 5V, ID = 20A
Qgd
Input Capacitance
Output Capacitance
VGS = 0V, VDS = 25V, f = 1MHz
Forward Transconductance
1
Zero Gate Voltage Drain Current
Gate-Body Leakage
Qgs
gfs
DYNAMIC
VGS = 7V, ID = 15A
mA
Gate Threshold Voltage
V
VDS = VGS, ID = 250mA
VDS = 60V, VGS = 0V , TJ = 125 °C
Drain-Source Breakdown Voltage
VGS(th)
SYMBOL
V(BR)DSS
VGS = 0V, ID = 250mA
IF = 20A , dIs/dt= 100A/ms
pF
VDS = 64V, VGS = 0V
IGSS
IDSS
VDS = 0V, VGS = ±20V
Ciss
nC
VDS = 15V,ID = 20A
Coss
Crss
Total Gate Charge
2
Qg
Drain-Source On-State
Resistance
1
RDS(ON)
mΩ
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
REV 1.1
2
2014/10/30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com