Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0908ATF Datasheet(PDF) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0908ATF
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0908ATF Datasheet(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0908ATF Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD P0908ATF Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P0908ATF
N-Channel Enhancement Mode MOSFET
PRODUCT SUMMARY
V(BR)DSS
TO-220F
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
THERMAL RESISTANCE RATINGS
UNITS
1Pulse width limited by maximum junction temperature.
2Limited only by maximum temperature allowed.
V
IAS
-55 to 150
VGS
Pulsed Drain Current
1,2
Avalanche Current
MAXIMUM
°C / W
Tj, Tstg
EAS
L = 0.1mH
38
Avalanche Energy
PD
UNITS
160
27
ID
IDM
SYMBOL
43
±20
LIMITS
A
mJ
15
37
72
W
°C
Junction-to-Case
62.5
RDS(ON)
TC = 100 °C
PARAMETERS/TEST CONDITIONS
Gate-Source Voltage
9mΩ @V
GS = 10V
43A
ID
TC = 25 °C
80V
Continuous Drain Current
2
RqJC
RqJA
3.3
TC = 25 °C
TC = 100 °C
Junction-to-Ambient
Operating Junction & Storage Temperature Range
SYMBOL
THERMAL RESISTANCE
TYPICAL
Power Dissipation
REV 1.0
1
2015/7/31


Similar Part No. - P0908ATF

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P0908ATF NIKOSEM-P0908ATF Datasheet
178Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - P0908ATF

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com