Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR2004ACCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADAR2004ACCZ
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAR2004ACCZ Datasheet HTML 21Page - Analog Devices ADAR2004ACCZ Datasheet HTML 22Page - Analog Devices ADAR2004ACCZ Datasheet HTML 23Page - Analog Devices ADAR2004ACCZ Datasheet HTML 24Page - Analog Devices ADAR2004ACCZ Datasheet HTML 25Page - Analog Devices ADAR2004ACCZ Datasheet HTML 26Page - Analog Devices ADAR2004ACCZ Datasheet HTML 27Page - Analog Devices ADAR2004ACCZ Datasheet HTML 28Page - Analog Devices ADAR2004ACCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
ADAR2004
Rev. 0 | Page 25 of 37
REGISTER SUMMARY
Table 10. ADAR2004 Register Summary
Address Name
Bits Bit Name
Description
Reset Access
0x000
INTERFACE_CONFIG_A
7
SOFTRESET
Soft Reset
0x0
R/W
6
LSB_FIRST
LSB First
0x0
R/W
5
ADDR_ASCN
Address Ascension
0x0
R/W
4
SDOACTIVE
SDO Active
0x1
R/W
3
SDOACTIVE_
SDO Active
0x1
R/W
2
ADDR_ASCN_
Address Ascension
0x0
R/W
1
LSB_FIRST_
LSB First
0x0
R/W
0
SOFTRESET_
Soft Reset
0x0
R/W
0x001
INTERFACE_CONFIG_B
7
SINGLE_INSTRUCTION
Single Instruction
0x0
R/W
6
CS_STALL
CS Stall
0x0
R/W
5
MASTER_SLAVE_RB
Master Slave Readback
0x0
R/W
4
SLOW_INTERFACE_CTRL
Slow Interface Control
0x0
R/W
3
RESERVED
Reserved
0x0
R
[2:1] SOFT_RESET
Soft Reset
0x0
R/W
0
RESERVED
Reserved
0x0
R
0x002
DEV_CONFIG
[7:4] DEV_STATUS
Device Status
0x1
R/W
[3:2] CUST_OPERATING_MODE
Custom Operating Modes
0x0
R/W
[1:0] NORM_OPERATING_MODE Normal Operating Modes
0x0
R/W
0x003
CHIP_TYPE
[7:0] CHIP_TYPE
Chip Type
0x0
R
0x004
PRODUCT_ID_H
[7:0] PRODUCT_ID[15:8]
Product ID High
0x0
R
0x005
PRODUCT_ID_L
[7:0] PRODUCT_ID[7:0]
Product ID Low
0x0
R
0x00A
SCRATCH_PAD
[7:0] SCRATCHPAD
Scratch Pad
0x0
R/W
0x00B
SPI_REV
[7:0] SPI_REV
SPI Revision
0x0
R
0x00C
VENDOR_ID_H
[7:0] VENDOR_ID[15:8]
Vendor ID High
0x0
R
0x00D
VENDOR_ID_L
[7:0] VENDOR_ID[7:0]
Vendor ID Low
0x0
R
0x00F
TRANSFER_REG
[7:1] RESERVED
Reserved
0x0
R
0
MASTER_SLAVE_XFER
Master Slave Transfer
0x0
R/W
0x010
PWRON
[7:1] RESERVED
Reserved
0x0
R
0
PWRON
Chip Power-Up
0x1
R/W
0x011
BIAS_CURRENT_MULT1
[7:4] MULT_MID_BIAS
Mid Band 4× Bias Current Setting
0x5
R/W
[3:0] MULT_LOW_BIAS
Low Band 4× Bias Current Setting
0x5
R/W
0x012
BIAS_CURRENT_MULT2
[7:4] RESERVED
Reserved
0x0
R/W
[3:0] MULT_HIGH_BIAS
High Band 4× Bias Current Setting
0x7
R/W
0x013
BIAS_CURRENT_LOAMP
[7:4] LO_AMP2_BIAS
LO Amp Output Stage Bias Current Setting
0x7
R/W
[3:0] LO_AMP1_BIAS
LO Amp Input Stage Bias Current Setting
0x8
R/W
0x014
BIAS_CURRENT_SPLT
[7:4] SPLT2_BIAS
Second Active Splitter Stages Bias Current Setting
0x7
R/W
[3:0] SPLT1_BIAS
First Active Splitter Stage Bias Current Setting
0xA
R/W
0x015
BIAS_CURRENT_LNAMIX
[7:4] MIX_BIAS
Mixer Bias Current Setting
0x2
R/W
[3:0] LNA_BIAS
LNA Bias Current Setting
0xA
R/W
0x016
BIAS_CURRENT_IFAMP
[7:4] IFAMP_BIAS
IF Output Amp Bias Current Setting
0xC
R/W
[3:0] RESERVED
Reserved
0x0
R/W
0x017
IFAMP_CM
[7:4] RESERVED
Reserved
0x0
R
[3:0] IFAMP_CM
IF Output Amp Common-Mode Voltage Setting
0x4
R/W
0x018
RX_SEQUENCER_SETUP
7
RX_SEQ_EN
Enables Receiver Sequencer
0x0
R/W
6
RX_SLP_CTRL
Sets Receiver Sleep Mode Control
0x0
R/W
5
RX_SLP_HOLD
Holds the Receiver Sequencer State When
Multiplier Is in Sleep Mode
0x0
R/W
4
RX_CTL_LATCH_BYP
Bypasses the Control Latch for Receiver Controls
0x1
R/W
[3:0] RX_STATES
Sets Number of Receiver Sequencer States
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com