Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1020HDB Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P1020HDB
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P1020HDB Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P1020HDB Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P1020HDB Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P1020HDB Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P1020HDB Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P1020HDB Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P1020HDB Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD P1020HDB Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD P1020HDB Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P1020HDB
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
200
1
2
3
±100
nA
1
10
364
440
261
325
6
S
372
69
11
12.7
1.7
5.5
10
30
24
35
10
A
1
V
103
nS
377
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
Drain-Source Breakdown
Voltage
Gate Threshold Voltage
DYNAMIC
V
mA
VGS = 0V, ID = 250mA
V(BR)DSS
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4.5V, ID = 5A
mΩ
VDS = VGS, ID = 250mA
VDS = 0V, VGS = ±20V
VGS = 10V, ID = 5A
VDS = 10V, ID = 5A
VGS(th)
IDSS
Gate-Body Leakage
IGSS
pF
Ciss
Coss
Output Capacitance
VDS = 200V, VGS = 0V
Crss
VDS = 160V, VGS = 0V , TJ = 125 °C
Forward Transconductance
1
gfs
Diode Reverse Recovery Charge
Continuous Current
3
Turn-On Delay Time
2
Zero Gate Voltage Drain Current
nC
Total Gate Charge
2
IF = 10A, VGS = 0V
trr
Gate-Drain Charge
2
IS
td(off)
tf
VSD
Qgd
Input Capacitance
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Fall Time
2
PARAMETER
SYMBOL
TEST CONDITIONS
Gate-Source Charge
2
Reverse Transfer Capacitance
VGS = 0V, VDS = 25V, f = 1MHz
Qg
VDS = 160V
ID =10A,VGS = 10V
tr
Rise Time
2
Qgs
STATIC
LIMITS
UNITS
Forward Voltage
1
Diode Reverse Recovery Time
IF = 10A, dl/dt = 100A / mS
nS
VDS = 100V,ID @ 10A,
VGS = 10V, RGEN = 6Ω
td(on)
Turn-Off Delay Time
2
Qrr
REV 1.0
2
2017/6/9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com