Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8064 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8064
Description  High withstand voltage 0.6 linear lithium ion battery charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8064 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8064 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8064 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VOV
VCC过压保护门限
从
VCC低至高
6.1
6.3
6.5
V
VOVHYS
VCC过压保护迟滞
80
130
180
mV
IPROG
PROG脚上拉电流
1.0
uA
VPROG
PROG引脚电压
RPROG=2.4K,电流模式
0.9
1.0
1.1
V
VASD
VCC-VBAT 闭 锁 门 限 电
压
VCC从低至高
60
150
240
mV
VCC从高到低
10
60
100
mV
ITERM
C/10终止电流门限
RPROG=2.4K
40
50
60
mA
RPROG=12K
9
10
11
mA
VNCHRG
NCHRG 引 脚 输 出 低
电平
INCHRG=5mA
0.3
0.6
V
VNSTDBY
NSTDBY引脚输出低
电平
INSTDBY=5mA
0.3
0.6
V
ΔVRECHRG 再充电电池门限电压
60
100
140
mV
TLIM
限定温度模式中的结
温
145
℃
RON
功 率
FET“ 导 通 ” 电 阻
(在
Vcc与BAT之间)
350
mΩ
tSS
软启动时间
IBAT=0至IBAT=1200/RPROG
20
us
tRECHRG
再充电比较器滤波时
间
VBAT高至低
0.8
1.8
4
ms
tTERM
终止比较器滤波时间
IBAT降至ICHRG/10以下
0.8
1.8
4
ms
HM8064
高耐压
0.6 线性锂离子电池充电器



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com