Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW33N60 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STW33N60
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STW33N60 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STW33N60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STW33N60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STW33N60 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
STW33N60
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID= 0.25mA
600
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID=0.25mA
3.0
5.0
V
RDS(on)
Drain-Source On-Resistance
VGS=10V; ID=13A
0.125
Ω
IGSS
Gate-Source Leakage Current
VGS= ±30V;VDS= 0V
±
100
nA
IDSS
Drain-Source Leakage Current
VDS=600V; VGS= 0V
VDS=600V; VGS= 0V;TJ=125℃
1
100
uA
VSDF
Diode forward voltage
IDR =26A, VGS = 0 V
1.6
V
Ciss
Input Capacitance
VGS = 0V,
VDS = 100V,
f = 1.0MHz
2524
pF
Coss
Output Capacitance
94.1
Crss
Reverse Transfer Capacitance
1.71
Qg
Total Gate Charge (4.5V)
VDS = 480V
ID = 30A
VGS = 10V
58.1
nC
Qgs
Gate-Source Charge
12.4
Qgd
Gate-Drain Charge
18.4
td(on)
Turn-on Delay Time
VDS = 400V
ID =30A
RG = 25Ω
57.8
nS
tr
Turn-on Rise Time
49.3
td(off)
Turn-off Delay Time
201.4
tf
Turn-off Fall Time
64.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com