Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES013F Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES013F
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES013F Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES013F Datasheet HTML 1Page - Balluff Korea Ltd. BES013F Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M05ED-PSC50F-EP05
Order Code: BES013F
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 140061
ETIM 6.0: EC002714
BES013F_0.64_2020-08-04
2 / 2
Material
Housing material
Stainless steel
Material jacket
PUR
Material sensing surface
PET-C
Mechanical data
Dimension
Ø 5 x 35 mm
Installation
non-flush
Size
M5x0.5
Tightening torque
1 Nm
Output/Interface
Switching output
PNP normally open (NO)
Range/Distance
Assured operating distance Sa
4.05 mm
Hysteresis H max. (% of Sr)
20.0 %
Rated operating distance Sn
5 mm
Real switching distance sr
5 mm
Repeat accuracy max. (% of Sr)
10.0 %
Switching distance marking
■■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
Cannot be flush mounted: see installation instructions for inductive sensors with extended switching distance 939224. Avoid pressure and contact in the
area of the clear zone cap.
The sensor is functional again after the overload has been eliminated.
EMC: For operating conditions with noise sources
External protection circuit is required. Document 825345.
When using an AC bridge, an electrolytic capacitor ≥10µF/40V parallel to Vs is recommended.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com