Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIO-32 Datasheet(PDF) 4 Page - Contec Co., Ltd

Part # PIO-32
Description  Isolated Digital I/O Board for PCI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

PIO-32 Datasheet(HTML) 4 Page - Contec Co., Ltd

  PIO-32 Datasheet HTML 1Page - Contec Co., Ltd PIO-32 Datasheet HTML 2Page - Contec Co., Ltd PIO-32 Datasheet HTML 3Page - Contec Co., Ltd PIO-32 Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ver.1.12
Ver.1.10
PIO-32/32H(PCI)H
4
Connect the output signals to a current-driven controlled device
such as a relay or LED.
The connection requires an external power supply to feed
currents.
The board controls turning on/off the current-driven controlled
device using a digital value.
Output Circuit
External device
Plus
common
Output pin
Board
External
power supply
24 - 48VDC
Minus
common
Output pin
Vcc
Load
Zener
diode
Zener
diode
PolySwitch
Optocoupler
Optocoupler
*
*
Load
* Output pin represents output signals.
The output circuits of interface blocks of this board are
illustrated in the image above.
The signal output section is an
Optocoupler isolated, open-collector output (current sink type).
Driving the output section requires an external power supply.
The rated output current per channel is 100mA at maximum.
The output section can also be connected to a TTL level input
as it uses a low-saturated transistor for output.
The residual
voltage (low-level voltage) between the collector and emitter
with the output on is 0.5V or less at an output current within
50mA or at most 1.0V at an output current within 100mA.
A zener diode is connected to the output transistor for
protection from surge voltages.
A PolySwitch-based
overcurrent protector is provided for every eight output
transistors.
When the overcurrent protector works, the output
section of the board is temporarily disabled.
If this is the case,
turn of the power to the PC and the external power supply and
wait for a few minutes, then turn them on back.
CAUTION
When the PC is turned on, all output are reset to OFF.
Connection to the LED
O-40 (CN1 : B03pin)
LED
5.1k
Output plus common (CN1 : B19pin)
Output minus common (CN1 : B01pin)
When "1" is output to a relevant bit, the corresponding LED comes on.
When "0" is output to the bit, in contrast, the LED goes out.
External
power supply
24 - 48VDC
+
-
Example of Connection to TTL Level Input
Output plus common
Output
Output minus common
TTL level input
VCC
Input board
GND
2k
External
power supply
24 - 48VDC
+
-
The following example shows a connection between a sink
type output (output board) and a sink output support input
(input board).
Refer to this connection example when you
connect such boards to each other.
External
power supply
24 - 48VDC
+
-
Output board
Output plus common
Output (sink type)
Output minus common
Input (Compatible with sink output)
Input plus common
Input board
Connecting Output Circuit
Connecting the Sink Type Output and
Sink Output Support Input
Connecting Output Signals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com