Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC-4DFM-PCIS Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # SMC-4DFM-PCIS
Description  4 axes high-speed line driver output motion control board for PCI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

SMC-4DFM-PCIS Datasheet(HTML) 2 Page - Contec Co., Ltd

  SMC-4DFM-PCIS Datasheet HTML 1Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 2Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 3Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 4Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 5Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 6Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 7Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 8Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver.1.00
SMC-4DFM-PCIS
2
Connector shape and pin assignments are compatible with
SMC-4DF-PCI, SMC-4DL-PCI
Since this product is compatible with SMC-4DF-PCI,
SMC-4DL-PCI in the connector shape and signal allocation, it
can be replaced with them.
Provided with a terminal strip CCB-SMC2 (option) to which
driver units up to 4 pieces can be connected
A dedicated terminal strip CCB-SMC2 (option) which assigns
signals for each axis is provided.
Driver units and limit
sensors for stepping motors and servo motors can be
connected up to 4 pieces.
Common Section
Item
Specification
Control target
Stepping motor or servo motor driver unit (pulse train input type)
Number of axes to control
4 axes
Device used
PCL6045B (Nippon Pulse Motor CO., LTD.) or equivalence to it
Interrupt
1 ch
The number of sheets that
can be used
simultaneously
16 sheets
I/O address
Any 128 ports boundary
Current consumption
(Max.) *2
5VDC 940mA
Operating condition
0 - 50°C, 10 - 90% (No condensation)
PCI bus specification
32-bit, 33MHz, Universal key shapes supported *1
Dimension (mm)
195.71(L) x 106.68(H)
Connector used
HDRA-EC100LFDT+
[mfd by HONDA TSUSHIN KOGYO CO., LTD.] or equivalence to
it
Weight
130g
*1
This board requires power supply at +5V from an expansion slot (it does not work on a
machine with a +3.3V power supply alone).
*2
If it is supplied +5VDC from the CN4 or CN5 connectors to the external device, the power
consumption of this board will be bigger than what this specification has defined.
Board Dimensions
195.71(L)
[mm]
The standard outside dimension (L) is
the distance from the end of the board
to the outer surface of the slot cover.
Encoder Input Section
Item
Specification
Encode type
Incremental
Maximum counter
value
8000000h - 7FFFFFFh(-134,217,728 - 134,217,727), 28 bit
Input signal type
Single-phase input (UP/DOWN/Z) / Phase input (A/B/Z)
Supported output
type
Differential output, TTL level output, open-collector output
Device used
AM26LS32A(T.I) or equivalence to it
Terminal resister
150
Ω (Separable with SW)
Receiver input
sensitivity
±200mV
In-phase input
voltage range
±7V
Distance in which
signal can be
extended
10m (Depending on the time of connecting the differential output, wiring
environment and input frequency)
3m (Depending on the time of connecting the open-collector output, wiring
environment and input frequency)
1.5m (Depending on the time of connecting the TTL level output, wiring
environment and input frequency)
Response
frequency (Max.)
5MHz duty (When connecting the differential output, 2-phase Input,
Multiply by 4, duty 50%)
3MHz duty (When connecting the TTL level output, 2-phase Input,
Multiply by 4, duty 50%)
1MHz duty (When connecting the open-collector output, 2-phase Input,
Multiply by 4, duty 50%)
Limit Input Section
Item
Specification
Signal channel
3channels/axis (original point, Forward limit, reserve limit)
Input signal name
ORG : origin input
+LIM : positive direction end limit input
-LIM : negative direction end limit input
Input logic
Enables selecting the positive/negative logic by using the Software
Input type
Opto-coupler input (corresponding to current sink output)
Response time
(Max.)
200
μsec
Input resister
4.7k
Ω
Input ON current
2.0mA or more
Input OFF current
0.16mA or less
External circuit
power supply
12V - 24VDC(±10%)
General-purpose Input Section
Item
Specification
Signal channel
7channels/axis
Input signal name
IN1/ALM : alarm input, general-purpose input
IN2/INP : positioning completion input, general-purpose input
IN3/SD : deceleration (decelerated stop) input, general-purpose
input
IN4/LTC : counter latch input, general-purpose input
IN5/PCS : positioning control start input, general-purpose input
IN6/CLR : counter clear input, general-purpose input
IN7 : general-purpose input
Input logic
Enables selecting the positive/negative logic by using the
Software
Input type
Opto-coupler input (corresponding to current sink output)
Response time (Max.)
200
μsec
Input resister
4.7k
Ω
Input ON current
2.0mA or more
Input OFF current
0.16mA or less
External circuit power
supply
12V - 24VDC(±10%)
Pulse Output Section
Item
Specification
Pulse rate
0.1 - 6.5 Mpps
Output signal name
CW : pulse / CW output
CCW : direction / CCW output
Output signal system
2 Pulse types (pulse for positive/negative direction) or the
common pulse type (pulse signal/directional signal)
90ºC phase difference pulse (lead/lag pulse)
Output form
Un-isolated differential line driver output
Device used
AM26LS31(T.I) or equivalence to it
H level output voltage
2.5V - 5.25V
L level output voltage
0V - 0.5V
Rated output current (Max.) 20mA
General-purpose Output Section
Item
Specification
Number of signal channel
3channels/axis
Output signal name
OUT1 : general-purpose output
OUT2 : general-purpose output
OUT3 : general-purpose output
(Each output pin can be switched with the following functions)
ALMCLR : alarm clear output
ERC : driver differential clear output
CP1 : comparator1 output
CP2 : comparator2 output
CPX : Pulse output (OUT3)
Signal specification
Un-isolated open collector output (current sink type)
(Enables selecting the positive/negative logic by using the
Software)
Response time (Max.)
OUT1/2 10
μsec (when using the loading on the input side
510
Ω, +24VDC)
OUT3
5
μsec (when using the loading on the input side
680
Ω, +24VDC)
Rated output current (Max.) OUT1/2 100mA per 1ch
OUT3
40mA per 1ch
240mA per 1axis
Rated output withstanding
voltage (Max.)
OUT1/2 50VDC
OUT3
30VDC
Specification



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com