Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSPIN32F0B
Description  Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0B Datasheet(HTML) 4 Page - STMicroelectronics

  STSPIN32F0B Datasheet HTML 1Page - STMicroelectronics STSPIN32F0B Datasheet HTML 2Page - STMicroelectronics STSPIN32F0B Datasheet HTML 3Page - STMicroelectronics STSPIN32F0B Datasheet HTML 4Page - STMicroelectronics STSPIN32F0B Datasheet HTML 5Page - STMicroelectronics STSPIN32F0B Datasheet HTML 6Page - STMicroelectronics STSPIN32F0B Datasheet HTML 7Page - STMicroelectronics STSPIN32F0B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 3. STEVAL-SPIN3204 schematic - power stage and external sensor inputs
C16
220 uF
R35
10 R
R26
0.02 R
1
63V
J3
691213510003
00000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
M6
OPTICAL_TARGET
R27
0.02 R
C22
10 pF
R60
NP
D3
1N4148WS
R581 K
C38
NP
R49
680 R
OUTU
1
R42
62 R
2
M8
GZ_rev2
R57
1 K
M1
HOLE_3.2MM_6
63V
1
1
0000
0
0
0
0
0
0
0
0
0
0
0
0
D6
1N4148WS
NP
VBUS
N2
D7
1N4148WS
LSV
R54
10 K
JUMPER1
+
DL2
RED
CLOSE
JP2
0000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
000
0
0
0
0
0
0
000
2
R53
10 K
J2
691213510002
0000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VBUS
R56
1 K
R39
10 R
TP13
S1751-46R
C24
10 pF
1
000
0
0
0
0
0
0
000
R18
62 R
3
1
PA2
00000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
TP7
S1751-46R
3
LSU
PA0
00000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D8
1N4148WS
1
HSW
2
R55
10 K
N1
R23
62 R
J4
61300511121
R22
10 R
2
R36
62 R
+
1
C39
TP10
S1751-46R
VBUS
C25
220 nF
100V
X7R
OPEN
JP5
VM
Q3
N-MOS
OUTW
R48
680 R
R31
10 R
Q5
N-MOS
C40
220 nF
100V
X7R
Q2
N-MOS
Q4
N-MOS
Q1
N-MOS
PA1
R59
NP
OPEN
JP7
TH Mounting option
12.50 mm dia - 5 mm pitch
VBUS
1
1
M3
HOLE_3.2MM_6
D5
1N4148WS
VDD
OUTV
M5
OPTICAL_TARGET
R40
62 R
HSU
SENSEP
1
M7
OPTICAL_TARGET
R61
NP
1
TP11
S1751-46R
SENSEN
VUSB
Digital Hall/
Encoder
C41
220 nF
100V
X7R
00000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
2
R41
10 R
3
LSW
R17
10 R
M4
HOLE_3.2MM_6
1
VDD
4
JP361300311121
C17
220 uF
R32
62 R
OPEN
JP6
2
+
0000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Q6
N-MOS
D4
1N4148WS
JUMPER Connected
between JP3-1 & JP3-2
HALL1/A+
HALL2/B+
HALL3/Z+
VDD
GND
00000
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R11
680 R
+
2
M2
HOLE_3.2MM_6
HSV
C23
10 pF
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com