Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSWSPIN3204 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STSWSPIN3204
Description  Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSWSPIN3204 Datasheet(HTML) 3 Page - STMicroelectronics

  STSWSPIN3204 Datasheet HTML 1Page - STMicroelectronics STSWSPIN3204 Datasheet HTML 2Page - STMicroelectronics STSWSPIN3204 Datasheet HTML 3Page - STMicroelectronics STSWSPIN3204 Datasheet HTML 4Page - STMicroelectronics STSWSPIN3204 Datasheet HTML 5Page - STMicroelectronics STSWSPIN3204 Datasheet HTML 6Page - STMicroelectronics STSWSPIN3204 Datasheet HTML 7Page - STMicroelectronics STSWSPIN3204 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2
Schematic diagrams
Figure 2. STEVAL-SPIN3204 schematic - motor controller MCU and interfaces
PF1
33
3
1
OPEN
JP1
OUTW
VREG12
6
LSU
PA5
VM
9
L122uH
C1
100 nF
50V
X7R
27
VDD
6
4
TP3
S1751-46R
VBOOTV
1
PB1
3
TP4
S1751-46R
R20
10 K
VREG
2
2
C6
3.3 nF
2
LSV
31
VDDA
C10
47 uF
6.3V
X5R
7
J10
61300211121
2
SW2
430483025816
R6
100K
R5
120 R
DL3
YELLOW
HSU
LSW
C19
1 nF
50V
X7R
PB1
TP8
S1751-46R
PB9
TP2
S1751-46R
PA3
2
2
1
3
C3
220 nF
100V
X7R
PC15
PC14
8
C12
1 nF
PF1
RESERVED
C2
22 uF
63V
3
PA1
VDD
PC14
R19
10 K
1
R1
39 K
VDD
C5
100 nF
50V
X7R
26
3
OUTV
4
OUTW
J1
61300811121
PC14
LSW
+
28
LSV
TP1
S1751-46R
12
29
PF0
34
VDD
PC15
OUTU
HSV
8
SW3
430483025816
25
+
VM
C4
10 uF
25V
30
1
VBOOTW
1
PA1
D1
STPS0560Z
PA0
HSV
NRST
LSU
OUTU
RESET
USER1
R14
0 R
SW
DL1
RED
OUTV
5
VDD
NRST
C8100 nF
11
PA0
J9
61300211121
HSW
C14
4.7 nF
R2
100 R
PF0
DL4
YELLOW
2
U1
STSPIN32F0B
BOURNS
3386G-1-104LF
SPEED
HSU
2
PA3
32
R7
100 R
VDD
C11
100 nF
50V
X7R
C7
100 nF
4
R4
120 R
SW1
430483025816
R3
330 R
PF0
4
C9100 nF
VBOOTU
4
C13
1 nF
35
10
5
HSW
1
PB8
JUMPER3
R34
10 K
PC15
VDD
36
VDD
7
NRST
PF1
R13
10 K
R8
100 R
USER2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com