Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC8065DY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC8065DY
Description  Automotive 650 V power Schottky silicon carbide diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8065DY Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC8065DY Datasheet HTML 1Page - STMicroelectronics STPSC8065DY Datasheet HTML 2Page - STMicroelectronics STPSC8065DY Datasheet HTML 3Page - STMicroelectronics STPSC8065DY Datasheet HTML 4Page - STMicroelectronics STPSC8065DY Datasheet HTML 5Page - STMicroelectronics STPSC8065DY Datasheet HTML 6Page - STMicroelectronics STPSC8065DY Datasheet HTML 7Page - STMicroelectronics STPSC8065DY Datasheet HTML 8Page - STMicroelectronics STPSC8065DY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPSC8065-Y
2/9
DocID030729 Rev 2
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse
voltage
Tj from -40 °C to 175 °C
650
V
IF(RMS)
Forward rms current
22
A
IF(AV)
Average forward current
TC = 150 °C(1), DC current
8
A
IFRM
Repetitive peak forward
current
Tc = 150 °C, Tj
= 175 °C, δ = 0.1
36
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal, Tc = 25 °C
46
A
tp = 10 ms sinusoidal, Tc = 125 °C
38
tp = 10 µs square, Tc = 25 °C
200
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature(2)
-40 to +175
°C
Notes:
(1)Value based on Rth(j-c) max.
(2)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameters
Symbol
Parameter
Value
Unit
Typ.
Max.
Rth(j-c)
Junction to case
1.1
1.65
°C/W
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
2
105
µA
Tj = 150 °C
-
20
750
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 8 A
-
1.30
1.45
V
Tj = 150 °C
-
1.45
1.65
Tj = 175 °C
-
1.50
Notes:
(1)Pulse test: tp = 5 ms, δ < 2%
(2)Pulse test: tp = 500 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.95 x IF(AV) + 0.087 x IF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com