Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZHHT Datasheet(PDF) 92 Page - Texas Instruments

Part # TMS320C28343ZHHT
Description  TMS320C2834x Delfino Microcontrollers
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 88Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 89Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 90Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 91Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 92Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 93Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 94Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 95Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 173 page
background image
92
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Detailed Description
Copyright © 2009–2018, Texas Instruments Incorporated
6.2
Peripherals
The integrated peripherals are described in the following subsections:
•
6-channel Direct Memory Access (DMA)
•
Three 32-bit CPU-Timers
•
Up to nine enhanced PWM modules (ePWM1, ePWM2, ePWM3, ePWM4, ePWM5, ePWM6, ePWM7,
ePWM8, ePWM9)
•
Up to six enhanced capture modules (eCAP1, eCAP2, eCAP3, eCAP4, eCAP5, eCAP6)
•
Up to three enhanced QEP modules (eQEP1, eQEP2, eQEP3)
•
External analog-to-digital converter (ADC) Interface
•
Up to two enhanced controller area network (eCAN) modules (eCAN-A, eCAN-B)
•
Up to three serial communications interface modules (SCI-A, SCI-B, SCI-C)
•
Up to two serial peripheral interface (SPI) modules (SPI-A, SPI-D)
•
Inter-integrated circuit (I2C) module
•
Up to two multichannel buffered serial port (McBSP-A, McBSP-B) modules
•
Digital I/O and shared pin functions
•
External Interface (XINTF)
6.2.1
DMA Overview
Features:
•
6 channels with independent PIE interrupts
•
Trigger sources:
–
McBSP-A and McBSP-B transmit and receive logic
–
XINT1–7 and XINT13
–
CPU timers
–
Software
•
Data sources and destinations:
–
L0–L7 64K × 16 SARAM
–
All XINTF zones
–
McBSP-A and McBSP-B transmit and receive buffers
•
Word Size: 16-bit or 32-bit (McBSPs limited to 16-bit)
•
Throughput: 4 cycles/word (5 cycles/word for McBSP reads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com