Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MKP385E44740API2B/T0 Datasheet(PDF) 19 Page - Vishay Siliconix

Part # MKP385E44740API2B/T0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E44740API2B/T0 Datasheet(HTML) 19 Page - Vishay Siliconix

Back Button MKP385E44740API2B/T0 Datasheet HTML 15Page - Vishay Siliconix MKP385E44740API2B/T0 Datasheet HTML 16Page - Vishay Siliconix MKP385E44740API2B/T0 Datasheet HTML 17Page - Vishay Siliconix MKP385E44740API2B/T0 Datasheet HTML 18Page - Vishay Siliconix MKP385E44740API2B/T0 Datasheet HTML 19Page - Vishay Siliconix MKP385E44740API2B/T0 Datasheet HTML 20Page - Vishay Siliconix MKP385E44740API2B/T0 Datasheet HTML 21Page - Vishay Siliconix MKP385E44740API2B/T0 Datasheet HTML 22Page - Vishay Siliconix MKP385E44740API2B/T0 Datasheet HTML 23Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
19
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Tangent of loss angle as a function of frequency
(typical curves)
400 V:
0.047 μF
 C  0.068 μF, curve 3
0.082 μF
 C  0.18 μF, curve 4
0.22 μF
 C  0.39 μF, curve 8
0.47 μF
 C  1.2 μF, curve 11
1.5 μF
 C  3.9 μF, curve 12
4.7 μF
 C  15 μF, curve 13
630 V:
0.027 μF
 C  0.033 μF, curve 2
0.039 μF
 C  0.1 μF, curve 3
0.12 μF
 C  0.24 μF, curve 7
0.27 μF
 C  1 μF, curve 9
1.2 μF
 C  2.2 μF, curve 10
2.7 μF
 C  8.2 μF, curve 14
15 μF, curve 15
850 V:
0.01 μF
 C  0.027 μF, curve 1
0.033 μF
 C  0.068 μF, curve 3
0.082 μF
 C  0.15 μF, curve 4
0.18 μF
 C  0.68 μF, curve 5
0.82 μF
 C  1.2 μF, curve 6
1.5 μF
 C  4.7 μF, curve 16
1000 V:
0.018 μF
 C  0.047 μF, curve 1
0.056 μF
 C  0.082 μF, curve 3
0.1 μF
 C  0.27 μF, curve 4
0.33 μF
 C  0.82 μF, curve 5
1.0 μF
 C  3.3 μF, curve 17
1250 V:
0.0082 μF
 C  0.039 μF, curve 1
0.047 μF
 C  0.082 μF, curve 3
0.1 μF
 C  0.56 μF, curve 4
0.82 μF
 C  2.7 μF, curve 18
1600 V:
0.0039 μF
 C  0.012 μF, curve 1
0.015 μF
 C  0.22 μF, curve 2
0.27 μF
 C  0.33 μF, curve 3
0.47 μF
 C  1.2 μF, curve 19
2000 V:
0.001 μF
 C  0.012 μF, curve 1
0.015 μF
 C  0.18 μF, curve 2
0.33 μF
 C  0.68 μF, curve 20
2500 V:
0.001 μF
 C  0.082 μF, curve 1
0.1 μF
 C  0.39 μF, curve 21
10
100
1000
10000
1
10
100
1000
100
1000
10 000
100 000
1 000 000
Axis Title
Frequency (Hz)
Curve 1
Curve 2
Curve 3
Curve 4
Curve 5
Curve 6
Curve 7
Curve 8
Curve 9
Curve 10
Curve 11
10
100
1000
10000
1
10
100
1000
100
1000
10 000
100 000
Axis Title
Frequency (Hz)
Curve 12
Curve 13
Curve 14
Curve 15
Curve 16
Curve 17
Curve 18
Curve 19
Curve 20
Curve 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com