Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-HAM-ML Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-HAM-ML
Description  High-Boost Harmonic Attenuation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-HAM-ML Datasheet(HTML) 2 Page - Vicor Corporation

  VI-HAM-ML Datasheet HTML 1Page - Vicor Corporation VI-HAM-ML Datasheet HTML 2Page - Vicor Corporation VI-HAM-ML Datasheet HTML 3Page - Vicor Corporation VI-HAM-ML Datasheet HTML 4Page - Vicor Corporation VI-HAM-ML Datasheet HTML 5Page - Vicor Corporation VI-HAM-ML Datasheet HTML 6Page - Vicor Corporation VI-HAM-ML Datasheet HTML 7Page - Vicor Corporation VI-HAM-ML Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
HAM, Harmonic Attenuation Module
Rev. 1.5
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage HAM, HAMD, BAMD
85
264
Vac
Rectified AC for HAMD, BAMD
AC line frequency
47
63
Hz
Unit will operate from 400 Hz but may not meet
PF or THD specs
Power factor
0.99
Total harmonic distortion (line current)
7.5
%
Sinusoidal, 115 Vac, full load
Total harmonic distortion (line current)
8.5
%
Sinusoidal, 230 Vac, full load
Inrush current
20
Amps
230 Vac, full load
INPUT SPECIFICATIONS (HAM-xL, HAMD-xL, BAMD-xL)
OUTPUT SPECIFICATIONS
Electrical Characteristics
Electrical characteristics apply at the nominal value of input voltage, output load and baseplate temperature, unless otherwise
specified. All temperatures refer to the operating temperature of the baseplate. Specifications apply for AC mains having no more
than 5% total harmonic distortion.
Parameter
Min
Typ
Max
Unit
Notes
Maximum output power
675
Watts
See power derating graph, fig.3
Output voltage
278
280
282
Vdc
115 Vac In
360
365
370
Vdc
230 Vac In
Efficiency
90
92
%
External hold-up capacitance
470
3,000
µF
Ride through / hold-up time
16
ms
675 W output with 1,000 µF hold-up capacitor
Ripple
7
10
Vp-p
115 Vac, full load, 1,000 µF hold-up capacitor
Ripple
5
6
Vp-p
230 Vac, full load, 1,000 µF hold-up capacitor
Short circuit shut down current
100
mA
Foldback current limiting
CONTROL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Power OK threshold
270
Vdc
Module enable / disable threshold
240
250
260
Vdc
Auxiliary output
19
23
Vdc
≤ 3 mA
Auxiliary output
3
mA
No overload protection
ELECTROMAGNETIC COMPATIBILITY
Parameter
Standard
Notes
Transient / surge immunity
EN 61000-4-5
1 kV L-N, 2 kV L-PE with 07818 filter
Line disturbance immunity
EN 61000-4-11
Main’s interruption or brown out
Flicker / inrush
EN 61000-3-3
20 A peak inrush at 230 Vac input
Harmonic current
EN 61000-3-2
7.5% THD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com