Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-LU1-23 Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-LU1-23
Description  50 to 600 W Autoranging AC-DC Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-LU1-23 Datasheet(HTML) 2 Page - Vicor Corporation

  VI-LU1-23 Datasheet HTML 1Page - Vicor Corporation VI-LU1-23 Datasheet HTML 2Page - Vicor Corporation VI-LU1-23 Datasheet HTML 3Page - Vicor Corporation VI-LU1-23 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FlatPAC Specifications
(Typical at 25°C, nominal line and 75% load, unless otherwise specified.)
Input Characteristics
AC line input
Autoranging
90-132/180-264 Vac
Line frequency
47 to 63 Hz (C-grade and E-grade)
47 to 440 Hz (I-grade)
Inrush current
115 Vac operation
1 converter: 16 A @ peak line; 2 converters: 23 A @ peak line; 3 converters: 39 A @ peak line
230 Vac operation
1 converter: 32 A @ peak line; 2 converters: 47 A @ peak line; 3 converters: 78 A @ peak line
Ride-through time (full load)
90/180 Vac low line
5 ms minimum
115/230 Vac nominal line
40 ms minimum
AC fail warning time
5 ms minimum (low line, full load)
AC and BUS OK (2 and 3 converter models only)
Off state
Vce = 70 V maximum
On state
Vcesat = 0.4 V maximum @ 1 mA (1.5 mA max.)
Module disable (2 and 3 converter models only, optically isolated LED input)
Continuous forward current
1 mA to 30 mA
Forward voltage
1.65 V max. at 30 mA
Dielectric withstand
Primary to chassis GND
2,121 Vdc
Primary to secondary
4,242 Vdc
Secondary to chassis GND
707 Vdc
Output Characteristics (applies to each output individually)
E-Grade
C-, I-Grade
MIN.
TYP.
MAX.
MIN.
TYP.
MAX
UNITS
NOTES
Set point accuracy
1%
2%
0.5%
1%
VNOM
Load/line regulation
0.5%
0.05%
0.2%
VNOM
LL to HL, 10% to Full Load
Load/line regulation
1%
0.2%
0.5%
VNOM
LL to HL, No Load to full load
Output temperature drift
0.02
0.01
0.02
%/°C
Over rated temperature
Long term drift
0.02
0.02
%/1 k hours
Output ripple
2 V
150 mV
60 mV
100 mV
p-p
20 MHz bandwidth
5 V
5%
2%
3%
p-p
20 MHz bandwidth
10-48 V
3%
0.75%
1.5%
p-p
20 MHz bandwidth
Output voltage trimming
1
50%
110%
50%
110%
Total remote sense
compensation
0.5
0.5
Volts
0.25 V max. neg. leg
OVP set point
125%
115%
125%
135%
V
NOM
Recycle power
Current limit
105%
135%
105%
125%
I
NOM
Automatic restart
Short circuit current
2
20%
140%
20%
130%
I
NOM
Thermal Characteristics
Efficiency
78-88%
80-90%
Shut down temp. — case
90
95
105
90
95
105
°C
Cool and recycle power to restart
Operating temp. — case
85
85
°C
See Thermal Curves
Mechanical Specifications
Weight
3
22.4 (652)
22.4 (652)
Ounces (Grams)
Safety Agency Approvals
UL, CSA, TÜV, VDE, IEC 950, CE Marked for low voltage directive, 73/23/EEC
Environmental Characteristics/Product Grade Designators
Storage temperature
-20°C to +100°C (C-grade and E-grade)
-55°C to +100°C (I-grade)
Operating temperature (case)
0°C to +85°C (C-grade and E-grade)
-30°C to +85°C (I-grade)
EMI / EMC Characteristics (Performed on selected samples representative of the U Series FlatPac product family.)
Conducted emissions, LISN
EN 55022 and FCC R&R, Part 15, Subpart B, Class B
Electrostatic discharge
IEC 801-2, 1991, Level 4; ±8 kV Contact, ± 15 kV Air Discharge
RF radiated immunity, E-field
IEC 801-3, 1984; 27 MHz to 500 MHz, 3 V/M, CW
Electrical fast transients/burst
EN 61000-4-4, Level 2; ±1 kV,
Surge immunity
EN 61000-4-5, Class 3; ±2 kV Line to Ground, ±1 kV Line to Line
1 10 V, 12 V and 15 V outputs, trim range ±10%. Consult factory for wider trim range.
2 Output voltages of 5 V or less incorporate foldback current limiting, greater than 5 V incorporate straight line current limiting.
3 For MU, PU series, multiply value by 2; for NU, QU, RU series, multiply value by 3.
FlatPAC 01/05
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com