Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EW162G0 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EW162G0
Description  LCD DISPLAY MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EW162G0 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EW162G0 Datasheet HTML 3Page - List of Unclassifed Manufacturers EW162G0 Datasheet HTML 4Page - List of Unclassifed Manufacturers EW162G0 Datasheet HTML 5Page - List of Unclassifed Manufacturers EW162G0 Datasheet HTML 6Page - List of Unclassifed Manufacturers EW162G0 Datasheet HTML 7Page - List of Unclassifed Manufacturers EW162G0 Datasheet HTML 8Page - List of Unclassifed Manufacturers EW162G0 Datasheet HTML 9Page - List of Unclassifed Manufacturers EW162G0 Datasheet HTML 10Page - List of Unclassifed Manufacturers EW162G0 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
02101300-01-02
E M E R G I N G
D I S P L A Y MODEL NO.
VERSION
PAGE
TECHNOLOGIES CORPORATION
162G0(WHITE LED TYPES)(RoHS)
1
3
4 .
ELECTRICAL CHARACTERISTICS
Ta = 25
°C
VDD = 5.0
±0.25 V
PARAMETER
SYMBOL
CONDITION
MIN .
TYP .
MAX .
UNIT
POWER SUPPLY
VOLTAGE FOR LOGIC
VDD
4.75
5.0
5.25
V
H LEVEL INPUT
VOLTAGE
VIH
2 . 2
V
L LEVEL INPUT
VOLTAGE
VIL
0 . 6
V
H LEVEL OUTPUT
VOLTAGE
VOH
−IOH = 0 . 2 mA
2 . 4
V
L LEVEL OUTPUT
VOLTAGE
VOL
IOL = 1 . 2 mA
0 . 4
V
POWER SUPPLY
CURRENT (LOGIC)
IDD
VDD = 5 . 0 V
1 . 0
3 . 0
mA
VDD
− VO
Ta = - 20
°C
3.9
4.4
4.9
V
θy-= 10°,θx= 0°
Ta = 25
°C
3.9
4.4
4.9
V
RECOMMENDED LCD
DRIVING VOLTAGE
DUTY= 1/16
Ta = 70
°C
3.9
4.4
4.9
V
CLOCK OSCILLATION
FREQUENCY
FOSC
Ta = 25
°C
270
KHz
LED FORWARD
VOLTAGE
VF
IF=20mA
3.6
4
V
LED FORWARD
CURRENT
IF
20
50
mA
LED REVERSE
CURRENT
IR
VR=5V
0 . 2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com