Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753699 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753699
Description  SMSTB 2,5/15-ST
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753699 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753699 Datasheet HTML 1Page - PHOENIX CONTACT 1753699 Datasheet HTML 2Page - PHOENIX CONTACT 1753699 Datasheet HTML 3Page - PHOENIX CONTACT 1753699 Datasheet HTML 4Page - PHOENIX CONTACT 1753699 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
SMSTB 2,5/15-ST
Order No.: 1768888
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1768888
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 15, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918034245
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.02841 KG
Catalog page information
Page 201 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
70 mm
Number of positions
15
Screw thread
M3


Similar Part No. - 1753699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753699 PHOENIX-1753699 Datasheet
150Kb / 6P
MVSTBW 2,5/15-ST
1753699 PHOENIX-1753699 Datasheet
149Kb / 6P
FRONT-MSTB 2,5/15-ST
More results

Similar Description - 1753699

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702136 PHOENIX-1702136 Datasheet
48Kb / 3P
Plug - SMSTB 2,5/ 3-ST BK
1768448 PHOENIX-1768448 Datasheet
119Kb / 8P
Plug - SMSTB 2,5/ 8-ST
1768781 PHOENIX-1768781 Datasheet
116Kb / 8P
Printed-circuit board connector - SMSTB 2,5/ 4-ST
1826296 PHOENIX-1826296 Datasheet
129Kb / 7P
SMSTB 2,5/ 3-ST-5,08
1826306 PHOENIX-1826306 Datasheet
135Kb / 7P
SMSTB 2,5/ 4-ST-5,08
1701608 PHOENIX-1701608 Datasheet
62Kb / 3P
Plug - SMSTB 2,5/ 3-ST-5,08 1RNPABDWH
1768820 PHOENIX-1768820 Datasheet
114Kb / 8P
Printed-circuit board connector - SMSTB 2,5/ 9-ST
1848273 PHOENIX-1848273 Datasheet
85Kb / 3P
SMSTB 2,5/ 2-ST BK BDWH:5,4
11/05/2018
1848286 PHOENIX-1848286 Datasheet
86Kb / 3P
SMSTB 2,5/ 2-ST BK BDWH:2,1
11/05/2018
1848299 PHOENIX-1848299 Datasheet
86Kb / 3P
SMSTB 2,5/ 2-ST BU BDWH:5,4
11/05/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com