Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4800AGM Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 4800AGM
Description  N-Channel 20V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

4800AGM Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  4800AGM Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 4800AGM Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 4800AGM Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 4800AGM Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 4800AGM Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 4800AGM Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 4800AGM Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 4800AGM Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 4800AGM Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 20V (D-S) MOSFET
FEATURES
•
Halogen-free
• TrenchFET® Power MOSFET
•
Optimized for High-Side Synchronous
Rectifier Operation
•
100 % Rg Tested
•
100 % UIS Tested
APPLICATIONS
•
Notebook CPU Core
- High-Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.0
12 at VGS = 10 V
1
2
6.
1 nC
0.01
5 at VGS = 4.5 V
1
1
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Notes:
a. Base on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
1
2
A
TC = 70 °C
1
1
TA = 25 °C
1
0b, c
TA = 70 °C
8b, c
Pulsed Drain Current
IDM
47
Continuous Source-Drain Diode Current
TC = 25 °C
IS
3.
7
TA = 25 °C
2.
0b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
2
0
Avalanche Energy
EAS
2
1
mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.
1
W
TC = 70 °C
2.
5
TA = 25 °C
2.
2b, c
TA = 70 °C
1.
3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
3
9
5
5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
2
5
2
9
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
4800AGM
1


Similar Part No. - 4800AGM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4800AGM-HF VBSEMI-4800AGM-HF Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - 4800AGM

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
N-Channel 20V (D-S) MOSFET
AM2332N ANALOGPOWER-AM2332N Datasheet
178Kb / 5P
N-Channel 20V (D-S) MOSFET
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
N-Channel 20V (D-S) MOSFET
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UT4420G-S08-R VBSEMI-UT4420G-S08-R Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
UT4800G-S08-T VBSEMI-UT4800G-S08-T Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
UT4800L-S08-T VBSEMI-UT4800L-S08-T Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4412 VBSEMI-SSM4412 Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4800AGM VBSEMI-SSM4800AGM Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4410M VBSEMI-SSM4410M Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com