Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES03TH Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES03TH
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES03TH Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES03TH Datasheet HTML 1Page - Balluff Korea Ltd. BES03TH Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES M08MI-POC20B-BV02
Order Code: BES03TH
Internet
www.balluff.com
eCl@ss 9.1:
Subject to change without notice: 247346
ETIM 6.0:
BES03TH_3.2_2019-05-06
1 / 2
Basic features
Approval/Conformity
CE
EAC
cULus
WEEE
Electrical connection
Cable diameter D
3.00 mm
Cable length L
2 m
Connection type
Cable, 2.00 m, PVC
Number of conductors
3
Electrical data
No-load current Io max., damped
2 mA
No-load current Io max., undamped
7 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
33.0 kOhm
Protection class
II
Rated insulation voltage Ui
250 V AC
Ready delay tv max.
25 ms
Residual current Ir max.
10 µA
Ripple max. (% of Ue)
10 %
Switching frequency
5000 Hz
Environmental conditions
Ambient temperature
-25...70 °C
Protection degree
IP68
Functional safety
MTTF (40 °C)
595 a
Material
Housing material
Brass, Nickel-free coated
Material jacket
PVC
Material sensing surface
PBT
Surface protection
Nickel-free coated
Mechanical data
Dimension
Ø 8 x 50 mm
Installation
for flush mounting
Size
M8x1
Tightening torque
3 Nm
Output/Interface
Switching output
PNP normally closed (NC)
Range/Distance
Assured operating distance Sa
1.6 mm
Rated operating distance Sn
2 mm
Real switching distance sr
2 mm


Similar Part No. - BES03TH

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES03T5 BALLUFF-BES03T5 Datasheet
113Kb / 2P
Inductive Sensors
2023-06-21
BES03TF BALLUFF-BES03TF Datasheet
111Kb / 2P
Inductive Sensors
2023-04-05
BES03TK BALLUFF-BES03TK Datasheet
110Kb / 2P
Inductive Sensors
BES03TL BALLUFF-BES03TL Datasheet
111Kb / 2P
Inductive Sensors
2023-04-05
BES03TZ BALLUFF-BES03TZ Datasheet
106Kb / 2P
Inductive Sensors
More results

Similar Description - BES03TH

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com