Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZA028MDDP3 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # ZA028MDDP3
Description  Current Draw 40mA MAX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

ZA028MDDP3 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  ZA028MDDP3 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
PATENT NUMBER
9576442
Specifications:
Mallory Sonalert Products,Inc.
ZA028MDDP3
Sales Outline Drawing
F
16 to 28 VDC
Voltage Rating
Sound Level Category
Medium
Mode of Operation
Slow Double Pulse @ 0.5 PPS
Panel Mounting
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
Knurled Nut
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Frequency
3900 ± 500 Hz
Loudness @ 2 FT
75 to 85 dB(A) Typ.
Current Draw
40mA MAX
Housing Material
6/6 Nylon, Color: Black
Storage Temperature
-40° to +80° C
Operating Temperature
-30° to +65° C
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
Weight (Typical)
28 g
NEMA 3R,4X, & 12
Approved with use of included gasket.
Options
Please contact factory.
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
cUL Recognition
cUL Recognized
1.210 [30.74]
M22 x 1.5 Thread
<0.86 Maj. Dia.
0.524 [13.31]
Gasket
Knurl nut
1.710 [43.44]
1.210 [30.74]
M22 x 1.5 Thread
<0.86 Maj. Dia.
0.524 [13.31]
Gasket
Knurl nut
1.710 [43.44]


Similar Part No. - ZA028MDDP3

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA028MDDP2 MSPI-ZA028MDDP2 Datasheet
131Kb / 1P
Current Draw 40mA MAX
More results

Similar Description - ZA028MDDP3

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA028MAPS1 MSPI-ZA028MAPS1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASP1 MSPI-ZA028MASP1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASR8 MSPI-ZA028MASR8 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASU2 MSPI-ZA028MASU2 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MDCM1 MSPI-ZA028MDCM1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP2 MSPI-ZA028MDDP2 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMP1 MSPI-ZA028MDMP1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMT3 MSPI-ZA028MDMT3 Datasheet
133Kb / 1P
Current Draw 40mA MAX
ZA028MDMT7 MSPI-ZA028MDMT7 Datasheet
133Kb / 1P
Current Draw 40mA MAX
ZA028MDSR8 MSPI-ZA028MDSR8 Datasheet
131Kb / 1P
Current Draw 40mA MAX
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com