Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL002D0FMAI011 Datasheet(PDF) 13 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 13 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 9Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 10Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 11Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 12Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 13Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 14Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 15Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 16Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
13
Pre limin ary
I n f o r m a t ion
Instructions
All instructions, addresses, and data are shifted in and out of the device, starting
with the most significant bit. Serial Data Input (SI) is sampled on the first rising
edge of Serial Clock (SCK) after Chip Select (CS#) is driven Low. Then, the one-
byte instruction code must be shifted in to the device, most significant bit first,
on Serial Data Input (SI), each bit being latched on the rising edges of Serial
Clock (SCK). The instruction set is listed in Table 5.
Every instruction sequence starts with a one-byte instruction code. Depending on
the instruction, this might be followed by address bytes, or by data bytes, or by
both or none. Chip Select (CS#) must be driven High after the last bit of the in-
struction sequence has been shifted in.
In the case of a Read Data Bytes (READ), Read Status Register (RDSR), Fast Read
(FAST_READ) and Read ID (READ_ID), the shifted-in instruction sequence is fol-
lowed by a data-out sequence. Chip Select (CS#) can be driven High after any
bit of the data-out sequence is being shifted out to terminate the transaction.
In the case of a Page Program (PP), Sector Erase (SE), Bulk Erase (BE), Write
Status Register (WRSR), Write Enable (WREN), or Write Disable (WRDI) instruc-
tion, Chip Select (CS#) must be driven High exactly at a byte boundary,
otherwise the instruction is rejected, and is not executed. That is, Chip Select
(CS#) must driven High when the number of clock pulses after Chip Select (CS#)
being driven Low is an exact multiple of eight.
All attempts to access the memory array during a Write Status Register cycle,
Program cycle or Erase cycle are ignored, and the internal Write Status Register
cycle, Program cycle or Erase cycle continues unaffected
Table 5. Instruction Set.
Instruction
Description
One-Byte Instruction
Code
Address
Bytes
Dummy
Byte
Data Bytes
Status Register Operations
WREN
Write Enable
06H (0000 0110)
0
0
0
WRDI
Write Disable
04H (0000 0100)
0
0
0
WRSR
Write to Status Register
01H (0000 0001)
0
0
1
RDSR
Read from Status Register
05H (0000 0101)
0
0
1 to Infinity
Read Operations
READ
Read Data Bytes
03H (0000 0011)
3
0
1 to Infinity
FAST_READ
Read Data Bytes at Higher Speed
0BH (0000 1011)
3
1
1 to Infinity
READ_ID
Read ID
ABH (1010 1011)
0
3
1 to Infinity
Erase Operations
SE
Sector Erase
D8H (1101 1000)
3
0
0
BE
Bulk (Chip) Erase
C7H (1100 0111)
0
0
0
Program Operations
PP
Page Program
02H (0000 0010)
3
0
1 to 256
Dummy Power Savings Mode Operations
SP
Software Protect
B9H (1011 1001)
0
0
0
RES
Release from Software Protect
ABH (1010 1011)
0
0
0
Release from Software Protect and
Read Electronic Signature
ABH (1010 1011)
0
3
1 to Infinity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com