Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804455
Description  GMSTBVA 2,5/ 5-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
GMSTBVA 2,5/ 5-G
Order No.: 1766699
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1766699
 
 
Header, Nominal current: 12 A, Nom. voltage: 400 V, Pitch: 7.5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918032715
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.002621 KG
Catalog page information
Page 277 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
7.5 mm
Dimension a
30 mm
Number of positions
5
Pin dimensions
1 x 1 mm


Similar Part No. - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804455 PHOENIX-0804455 Datasheet
254Kb / 14P
PCB terminal block, Push-in spring connection
0804455 PHOENIX-0804455 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
0804455 PHOENIX-0804455 Datasheet
141Kb / 5P
GMSTBA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
More results

Similar Description - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766660 PHOENIX-1766660 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
1766673 PHOENIX-1766673 Datasheet
94Kb / 6P
Base strip - GMSTBVA 2,5/ 3-G
1766686 PHOENIX-1766686 Datasheet
89Kb / 5P
Base strip - GMSTBVA 2,5/ 4-G
1766725 PHOENIX-1766725 Datasheet
88Kb / 5P
Base strip - GMSTBVA 2,5/ 8-G
1766738 PHOENIX-1766738 Datasheet
90Kb / 6P
Base strip - GMSTBVA 2,5/ 9-G
1766770 PHOENIX-1766770 Datasheet
141Kb / 5P
GMSTBVA 2,5/ 2-G-7,62
1766806 PHOENIX-1766806 Datasheet
94Kb / 6P
Base strip - GMSTBVA 2,5/ 5-G-7,62
1773455 PHOENIX-1773455 Datasheet
73Kb / 4P
Printed-circuit board connector - GMSTBVA 2,5 HC/ 5-G-7,62
1766754 PHOENIX-1766754 Datasheet
67Kb / 4P
Base strip - GMSTBVA 2,5/11-G
1766712 PHOENIX-1766712 Datasheet
528Kb / 14P
PCB header - GMSTBVA 2,5/ 7-G
Jan 3, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com