Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS20 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS20
Description  Phase Control Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS20 Datasheet(HTML) 2 Page - IXYS Corporation

  CS20 Datasheet HTML 1Page - IXYS Corporation CS20 Datasheet HTML 2Page - IXYS Corporation CS20 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2002 IXYS All rights reserved
2 - 3
CS 20
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
£
2
mA
V
T
I
T
= 25 A; T
VJ = 25°C
£
2.1
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
1.1
V
r
T
40
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
1.0
V
T
VJ = -40°C
£
1.2
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
65
mA
T
VJ = -40°C
£
80
mA
T
VJ = 125°C
£
50
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
£
5mA
I
L
T
VJ = 25°C; tP = 10 ms
£
150
mA
I
G = 0.3 A; diG/dt = 0.3 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥
£
100
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.3 A; diG/dt = 0.3 A/ms
R
thJC
DC current
0.62
K/W
R
thJH
DC current
0.82
K/W
a
Max. acceleration, 50 Hz
50
m/s2
Fig. 1 Gate trigger range
Fig. 2 Gate controlled delay time t
gd
10
100
1000
1
10
100
1000
µs
t
gd
I
G
1
10
100
1000
10000
0.1
1
10
I
G
V
G
mA
V
4
2
1
5
6
mA
typ.
Limit
3
T
VJ = 25°C
I
GD, TVJ =125°C
4: P
GAV = 0.5 W
5: P
GM
=
1 W
6: P
GM
= 10 W
1: I
GT, TVJ = 125°C
2: I
GT, TVJ =
25°C
3: I
GT, TVJ =
-40°C
TO-247 AD and ISOPLUS 247 TM
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D*
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102
* ISOPLUS 247 TM without hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com