Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC310 Datasheet(PDF) 1 Page - DFI Inc

Part # EC310
Description  Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC310 Datasheet(HTML) 1 Page - DFI Inc

  EC310 Datasheet HTML 1Page - DFI Inc EC310 Datasheet HTML 2Page - DFI Inc EC310 Datasheet HTML 3Page - DFI Inc EC310 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wide Voltage
9V
30V
EC310 Series
Panel
3rd/2nd Gen Intel® CoreTM
Modular-Designed Embedded System
Features
3G
Wi-Fi
PoE LAN
Modular-Designed
Systems
1 PCI
expansion
slot
• Fanless, compact design for industrial applications
• Supports DDR3/DDR3L SODIMM up to 16GB
• Up to 2x 2.5" SATA drive bay, 1 CF socket
• Supports mSATA via the mini PCIe slot
• 1 PCI expansion
HDD LED
Reset
ALERT LED
Power
USB 2.0
Wi-Fi Module
Antenna Hole
Wi-Fi Module
Antenna Hole
EC310-CRA060 Rear View
COM4
COM5
COM3
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
COM6
LAN
Alert
COM10
COM7
COM8
COM9
PCI slot
GPIO
COM3
COM4
COM5
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
EC310-CR6G60 Rear View
COM6
LAN
Alert
GPIO
PCI slot
Front View
EC310-CR6881 Rear View
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
LAN
Alert
COM3
COM4
COM5
COM6
USB 2.0
USB 2.0
GPIO
DVI
(DVI-D signal)
PCI slot
EC310-CR4866 Rear View
COM3
COM4
PoE Gigabit LAN
GPIO
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
LAN
Alert
PCI slot
QM77


Similar Part No. - EC310

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3100A05-24.000M-CL ECLIPTEK-EC3100A05-24.000M-CL Datasheet
238Kb / 4P
OSCILLATOR
EC3100A05-24.000M-G ECLIPTEK-EC3100A05-24.000M-G Datasheet
238Kb / 4P
OSCILLATOR
EC3100A05-24000M-CL ECLIPTEK-EC3100A05-24000M-CL Datasheet
238Kb / 4P
OSCILLATOR
EC3100A05-24000M-G ECLIPTEK-EC3100A05-24000M-G Datasheet
238Kb / 4P
OSCILLATOR
EC3100A05ET-24.000M-CL ECLIPTEK-EC3100A05ET-24.000M-CL Datasheet
238Kb / 4P
OSCILLATOR
More results

Similar Description - EC310

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC200-BT DFI-EC200-BT Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC300 DFI-EC300 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC500-CS DFI-EC500-CS Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC500-HD DFI-EC500-HD Datasheet
874Kb / 4P
Modular-Designed Embedded System
EC510-HD DFI-EC510-HD Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC510-KH DFI-EC510-KH Datasheet
837Kb / 4P
Modular-Designed Embedded System
EC510-SD DFI-EC510-SD Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC531-HD DFI-EC531-HD Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC531-SD DFI-EC531-SD Datasheet
943Kb / 4P
Modular-Designed Embedded System
EC532-DL DFI-EC532-DL Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com