Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC320 Datasheet(PDF) 2 Page - DFI Inc

Part # EC320
Description  Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC320 Datasheet(HTML) 2 Page - DFI Inc

  EC320 Datasheet HTML 1Page - DFI Inc EC320 Datasheet HTML 2Page - DFI Inc EC320 Datasheet HTML 3Page - DFI Inc EC320 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC320/EC321 Series
3rd/2nd Gen Intel® CoreTM
Modular-Designed Embedded System
PROCESSOR SYSTEM
• 3rd Generation Intel® CoreTM processors (22nm process technology)
- Intel® Core™ i7-3610QE (6M Cache, up to 3.3 GHz); 45W
- Intel® Core™ i5-3610ME (3M Cache, up to 3.3 GHz); 35W
- Intel® Core™ i3-3120ME (3M Cache, 2.4 GHz); 35W
• 2nd Generation Intel® CoreTM processors (32nm process technology)
- Intel® Core™ i7-2710QE (6M Cache, up to 3.0 GHz); 45W
- Intel® Core™ i5-2510E (3M Cache, up to 3.1 GHz); 35W
- Intel® Core™ i3-2330E (3M Cache, 2.2 GHz); 35W
- Intel® Celeron® B810 (2M Cache, 1.6 GHz); 35W
• Chipset: Intel® QM77
MEMORY
• 2 DDR3/DDR3L 1066/1333/1600MHz SODIMM sockets
• Supports up to 16GB memory
• Dual channel memory interface
GRAPHICS
• Intel® HD Graphics 4000
• Supports 2 independent displays
• VGA display resolution up to 2048x1536 @ 60Hz
• DVI display resolution up to 1920x1080 @ 60Hz
• Display outputs: 1 VGA and 1 DVI (DVI-D signal)
STORAGE
• 2.5" SATA drive bay(s)
- 2 SATA 3.0 ports with data transfer rate up to 6Gb/s
- Standard: 1 drive bay
- Option: Single drive bay for second SATA drive (supports RAID 0/1/5/10)
• 1 CompactFlash socket
• Supports 1 mSATA module via the Mini PCIe slot
ETHERNET
• Intel® WG82579LM with iAMT7.0 Gigabit Ethernet Phy
• Intel® 82574 Gigabit Ethernet controller (-CR4G65/-CR4866)
• Fully IEEE std 802.3af-2003 compliant (-CR4866)
- Power output: 48V DC 15.4 watts of power per PoE port
(Type 1 Mode A 15.4W per port)
• Supports wireless 802.11 b/g/n via the mini PCIe slot
AUDIO
• Realtek ALC262 High Definition Audio
• 2 watt, 4Ω power amplifier
POWER
• Power input voltage: 9~30V DC-in
EXPANSION
• EC320 series
- 2 PCI slots
- 1 Mini PCIe slot
- 1 XCT0-3G riser card supports 3G*
: 1 Mini PCIe slot (USB signal)
: 1 SIM slot
• EC321 series
- 1 PCI slot
- 1 PCIe x16 slot
- 1 Mini PCIe slot
- 1 XCT0-3G riser card supports 3G*
: 1 Mini PCIe slot (USB signal)
: 1 SIM slot
ENVIRONMENT
• Temperature
- Operating: 0oC ~ 60oC (-CR6881/-CR6G60/-CRA060/-CR4G65)
- Operating: 0oC ~ 55oC (-CR4866)
- Storage: -20oC ~ 65oC
• Operating Vibration
- IEC68-2-64 (HDD)
• Operating Shock
- Half sine wave 15G, 11ms, 3 shock per axis
CONSTRUCTION
• Aluminum + SGCC
MOUNTING
• Wall mount
DIMENSIONS
• 340.5mm x 140.5mm x 223mm (W x H x D)
WEIGHT
• 9 kg
OS SUPPORT
• Windows XP, WES 2009, POSReady 2009, Windows 7, WES 7,
Windows 8.1, WES 8
• Linux (Distribution available upon request)
OTHER FEATURES
• Watchdog Timer function
CERTIFICATION
• CE, FCC Class A, RoHS
Specifications * Optional and is not supported in standard model. Please contact your sales representative for more information.
System Models
Rear I/O Ports
EC320/321-CR6881 EC320/321-CR6G60 EC320/321-CRA060
EC321-CR4G65
EC320/321-CR4866
DC-in power jack: 3-pole
terminal block
1
1
1
1
1
Speaker-out: 2W 3.5mm
audio jack
1
1
1
1
1
VGA: DB-15 D-sub
1
1
1
1
1
DVI (DVI-D signal)
1
0
0
0
0
Gigabit LAN: RJ45 with LEDs
2
2
2
5
2
PoE Gigabit LAN: RJ45
0
0
0
0
4
COM: DB-9 D-sub
(RS232/422/485)
6
6
4
4
4
(2 ports are RS232)
COM: 5-pole terminal block
(RS232/422/485)
0
0
6
0
0
USB 3.0 Type A
2
2
2
2
2
USB 2.0 Type A
2
0
0
0
0
GPIO: 9-pole terminal block
8-bit
16-bit
0
16-bit
8-bit
Reset button
1
1
1
1
1
Power LED
1
1
1
1
1
HDD LED
1
1
1
1
1
Alert LED
1
1
1
1
1
Front I/O Ports
EC320/321-CR6881 EC320/321-CR6G60 EC320/321-CRA060
EC321-CR4G65
EC320/321-CR4866
USB 2.0 Type A
4
4
4
4
4
Power button with indicator
1
1
1
1
1
Reset button
1
1
1
1
1
HDD LED
1
1
1
1
1
Alert LED
1
1
1
1
1
Wi-Fi module antenna hole
2
2
2
2
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com