Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL001D0FMAI011 Datasheet(PDF) 21 Page - SPANSION

Part # S25FL001D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL001D0FMAI011 Datasheet(HTML) 21 Page - SPANSION

Back Button S25FL001D0FMAI011 Datasheet HTML 17Page - SPANSION S25FL001D0FMAI011 Datasheet HTML 18Page - SPANSION S25FL001D0FMAI011 Datasheet HTML 19Page - SPANSION S25FL001D0FMAI011 Datasheet HTML 20Page - SPANSION S25FL001D0FMAI011 Datasheet HTML 21Page - SPANSION S25FL001D0FMAI011 Datasheet HTML 22Page - SPANSION S25FL001D0FMAI011 Datasheet HTML 23Page - SPANSION S25FL001D0FMAI011 Datasheet HTML 24Page - SPANSION S25FL001D0FMAI011 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
21
Pre limin ary
I n f o r m a t ion
Figure 12. Sector Erase (SE) Instruction Sequence
Bulk Erase (BE)
The Bulk Erase (BE) instruction sets to 1 (FFh) all bits inside the entire memory.
Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed. After the Write Enable (WREN) instruction has been de-
coded, the device sets the Write Enable Latch (WEL).
The Bulk Erase (BE) instruction is entered by driving Chip Select (CS#) Low, fol-
lowed by the instruction code, on Serial Data Input (SI). No address is required
for the Bulk Erase (BE) instruction. Chip Select (CS#) must be driven Low for the
entire duration of the sequence.
The instruction sequence is shown in Figure 13.
Chip Select (CS#) must be driven High after the eighth bit of the last address byte
has been latched in, otherwise the Bulk Erase (BE) instruction is not executed.
As soon as Chip Select (CS#) is driven High, the self-timed Bulk Erase cycle
(whose duration is tBE) is initiated. While the Bulk Erase cycle is in progress, the
Status Register may be read to check the value of the Write In Progress (WIP)
bit. The Write In Progress (WIP) bit is 1 during the self-timed Bulk Erase cycle,
and is 0 when it is completed. At some unspecified time before the cycle is com-
pleted, the Write Enable Latch (WEL) bit is reset.
A Bulk Erase (BE) instruction is executed only if both the Block Protect (BP1, BP0)
bits (see Table 1 and Table 2) are set to 0. The Bulk Erase (BE) instruction is ig-
nored if one or more sectors are protected.
CS#
SCK
SI
Instruction
24 Bit Address
01
2
3
4
5
6
7
8
9
10
28 29 30 31
23 22 21
3
2
1
0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com