Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSDI60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSDI60
Description  Super Fast Recovery Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSDI60 Datasheet(HTML) 1 Page - IXYS Corporation

  DSDI60 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 IXYS All rights reserved
1 - 1
DSDI 60
I
FAVM
= 63 A
V
RRM =
1400-1800 V
t
rr
= 40 ns
Features
q
International standard package
JEDEC TO-247 AD
q
Planar passivated chips
q
Very short recovery time
q
Extremely low switching losses
q
Low I
RM-values
q
Soft recovery behaviour
q
Epoxy meets UL 94V-0
q
Creepage distance between leads
8.5 mm
Applications
q
Antiparallel diode for high frequency
switching devices
q
Anti saturation diode
q
Snubber diode
q
Free wheeling diode in converters
and motor control circuits
q
Rectifiers in switch mode power
supplies (SMPS)
q
Inductive heating and melting
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
High reliability circuit operation
q
Low voltage peaks for reduced
protection circuits
q
Low noise switching
q
Low losses
q
Operating at lower temperature or
space saving by reduced cooling
Dimensions
See DSEI 60-12 on page D5 - 27
x I
FAVM rating includes reverse blocking losses at TVJM, VR = 0.8 VRRM, duty cycle d = 0.5
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
V
RSM
V
RRM
Type
V
V
1400
1400
DSDI 60-14A
1600
1600
DSDI 60-16A
1800
1800
DSDI 60-18A
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
100
A
I
FAVM ÿÿ
x
T
C = 60°C; rectangular, d = 0.5
63
A
I
FRM
t
P < 10 ms; rep. rating, pulse width limited by TVJM
800
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
500
A
t = 8.3 ms (60 Hz), sine
540
A
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
450
A
t = 8.3 ms (60 Hz), sine
480
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1250
A2s
t = 8.3 ms (60 Hz), sine
1200
A2s
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
1000
A2s
t = 8.3 ms (60 Hz), sine
950
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
P
tot
T
C = 25°C
416
W
M
d
Mounting torque
0.8...1.2
Nm
Weight
6g
Symbol
Test Conditions
Characteristic Values
typ.
max.
I
R
T
VJ = 25°CVR
= V
RRM
12
mA
T
VJ = 25°CVR
= 0.8 • V
RRM
0.5
mA
T
VJ = 125°CVR
= 0.8 • V
RRM
3mA
V
F
I
F = 70 A;
T
VJ
= 125
°C
2.6
V
T
VJ
=25
°C
4.1
V
V
T0
For power-loss calculations only
1.9
V
r
T
T
VJ = TVJM
10
m
W
R
thJC
0.4
K/W
R
thCK
0.25
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/ms; VR = 30 V; TVJ = 25°C
40
ns
t
rr
I
F = 70 A; -di/dt = 500 A/ms; VR = 1000 V;
300
ns
I
RM
T
VJ = 25°C
60
A
t
rr
I
F = 70 A; -di/dt = 500 A/ms; VR = 1000 V;
400
ns
I
RM
T
VJ = 125°C
85
A
Super Fast
Recovery Diode
A
C
TO-247 AD
C
C
A
A = Anode, C = Cathode
Preliminary Data


Similar Part No. - DSDI60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DSD CRYDOM-DSD Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
DUCT SMOKE DETECTOR
01/20
logo
Advantech Co., Ltd.
DSD-3032 ADVANTECH-DSD-3032 Datasheet
216Kb / 2P
32" Industrial HD Digital Signage 32" Industrial HD Digital Signage
DSD-3032 ADVANTECH-DSD-3032 Datasheet
350Kb / 2P
32 F-HD Digital Signage & Touch Monitor
18-Sep-2018
DSD-3032HNC-L04E ADVANTECH-DSD-3032HNC-L04E Datasheet
216Kb / 2P
32" Industrial HD Digital Signage 32" Industrial HD Digital Signage
More results

Similar Description - DSDI60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
RF2001NS3D ROHM-RF2001NS3D_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com