Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5042 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5042
Description  Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5042 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5042 Datasheet HTML 1Page - Analog Devices ADRF5042 Datasheet HTML 2Page - Analog Devices ADRF5042 Datasheet HTML 3Page - Analog Devices ADRF5042 Datasheet HTML 4Page - Analog Devices ADRF5042 Datasheet HTML 5Page - Analog Devices ADRF5042 Datasheet HTML 6Page - Analog Devices ADRF5042 Datasheet HTML 7Page - Analog Devices ADRF5042 Datasheet HTML 8Page - Analog Devices ADRF5042 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADRF5042
Rev. 0 | Page 3 of 12
SPECIFICATIONS
Positive supply voltage (VDD) = 3.3 V, negative supply voltage (VSS) = −3.3 V, V1 pin voltage (V1) = 0 V or 3.3 V, V2 pin voltage (V2) = 0 V
or 3.3 V, LS = 0 V or 3.3 V, EN = 0 V or 3.3 V, and TCASE = 25°C on a 50 Ω system, unless otherwise noted. RFx refers to RF1 to RF4. VCTL
is the digital control inputs voltage.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
100
44,000
MHz
INSERTION LOSS
Between RFC and RFx (On)
100 MHz to 18 GHz
1.8
dB
18 GHz to 26 GHz
2.2
dB
26 GHz to 35 GHz
2.5
dB
35 GHz to 40 GHz
2.8
dB
40 GHz to 44 GHz
3.2
dB
ISOLATION
Between RFC and RFx (Off)
100 MHz to 18 GHz
50
dB
18 GHz to 26 GHz
46
dB
26 GHz to 35 GHz
41
dB
35 GHz to 40 GHz
39
dB
40 GHz to 44 GHz
35
dB
RETURN LOSS
RFC and RFx (On)
100 MHz to 18 GHz
16
dB
18 GHz to 26 GHz
14
dB
26 GHz to 35 GHz
13
dB
35 GHz to 40 GHz
13
dB
40 GHz to 44 GHz
14
dB
RFx (Off)
100 MHz to 18 GHz
24
dB
18 GHz to 26 GHz
22
dB
26 GHz to 35 GHz
15
dB
35 GHz to 40 GHz
12
dB
40 GHz to 44 GHz
10
dB
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
3
ns
On and Off Time
tON, tOFF
50% VCTL to 90% of RF output
14
ns
Settling Time
0.1 dB
50% VCTL to 0.1 dB of final RF output
30
ns
0.05 dB
50% VCTL to 0.05 dB of final RF output
36
ns
INPUT LINEARITY1
0.1 dB Power Compression
P0.1dB
f = 500 MHz to 40 GHz
26
dBm
1 dB Power Compression
P1dB
f = 500 MHz to 40 GHz
27
dBm
Third-Order Intercept
IP3
Two-tone input power = 15 dBm each tone,
f = 500 MHz to 40 GHz, Δf = 1 MHz
47
dBm
Second-Order Intercept
IP2
Two-tone input power = 15 dBm each tone,
f = 10 GHz, Δf = 1 MHz
120
dBm
VIDEO FEEDTHROUGH2
60
mV p-p
SUPPLY CURRENT
VDD, VSS pins
Positive Supply Current
IDD
370
µA
Negative Supply Current
ISS
−100
µA
DIGITAL CONTROL INPUTS
V1, V2, EN, LS pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com