Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6015CSG Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P6015CSG
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P6015CSG Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P6015CSG Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P6015CSG Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P6015CSG Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P6015CSG Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P6015CSG Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P6015CSG
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
150
0.45
0.8
1.2
±100
nA
1
10
47
60
48
70
70
S
8096
159
124
2.5
Ω
240
18
34
50
115
338
384
21
A
1.3
V
59
nS
119
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 5V, ID = 10A
mΩ
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
UNITS
SYMBOL
Gate-Body Leakage
VGS(th)
Forward Transconductance
1
VDS =100V, VGS = 0V, TJ = 100°C
VGS = 10V, ID = 15A
VDS =120V, VGS = 0V , TC = 25 °C
Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = 250mA
VDS =5V, ID =15A
Input Capacitance
Qgd
VDD = 75V, ID = 15A, VGS = 10V
Output Capacitance
Qg
Total Gate Charge
2
DYNAMIC
gfs
PARAMETER
nC
Qgs
TEST CONDITIONS
VSD
nS
VDD = 75V,ID = 15A, RG= 25Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
td(off)
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
V(BR)DSS
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
trr
IF = 15A, VGS = 0V
Fall Time
2
tr
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
pF
STATIC
Drain-Source Breakdown Voltage
V
VGS = 0V, VDS = 25V, f = 1MHz
mA
Ciss
IF = 15A, dlF/dt = 100A / μS
VDS = 0V, VGS = ±12V
IDSS
Coss
Crss
LIMITS
VGS = 0V, ID = 250mA
IS
REV 1.0
2
2014-11-10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com