Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP21486KSWZ3ABRL Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP21486KSWZ3ABRL
Description  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP21486KSWZ3ABRL Datasheet(HTML) 1 Page - Analog Devices

  ADSP21486KSWZ3ABRL Datasheet HTML 1Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 2Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 3Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 4Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 5Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 6Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 7Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 8Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
SHARC and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC Processor
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance 32-bit/40-bit floating-point processor
optimized for high performance audio processing
Single-instruction, multiple-data (SIMD) computational
architecture
On-chip memory—5 Mbits on-chip RAM, 4 Mbits on-chip
ROM
Up to 450 MHz operating frequency
Code compatible with all other members of the SHARC family
The ADSP-2148x processors are available with unique audio-
centric peripherals, such as the digital applications
interface, serial ports, precision clock generators, S/PDIF
transceiver, asynchronous sample rate converters, input
data port, and more
For complete ordering information, see Ordering Guide on
Page 70
AEC-Q100 qualified for automotive applications
Figure 1. Functional Block Diagram
Internal Memory I/F
Block 0
RAM/ROM
B0D
64-BIT
Instruction
Cache
5 Stage
Sequencer
PEx
PEy
PMD
64-BIT
IOD0 32-BIT
EPD BUS 64-BIT
Core Bus
Cross Bar
DAI Routing/Pins
S/PDIF
Tx/Rx
PCG
A-D
DPI Routing/Pins
SPI/B UART
Block 1
RAM/ROM
Block 2
RAM
Block 3
RAM
AMI
SDRAM
CTL
EP
External Port Pin MUX
TIMER
1-0
SPORT
7-0
ASRC
3-0
PWM
3-0
DAG1/2
Core
Timer
PDAP/
IDP
7-0
TWI
IOD0 BUS
DTCP/
MTM
PCG
C-D
PERIPHERAL BUS
32-BIT
CORE
FLAGS/
PWM3-1
JTAG
Internal Memory
DMD
64-BIT
PMD 64-BIT
CORE
FLAGS
IOD1
32-BIT
PERIPHERAL BUS
B1D
64-BIT
B2D
64-BIT
B3D
64-BIT
DPI Peripherals
DAI Peripherals
Peripherals
External
Port
SIMD Core
S
THERMAL
DIODE
FFT
FIR
IIR
SPEP BUS
DMD
64-BIT
FLAGx/IRQx/
TMREXP
WDT


Similar Part No. - ADSP21486KSWZ3ABRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP2101 AD-ADSP2101 Datasheet
667Kb / 64P
ADSP-2100 Family DSP Microcomputers
REV. B
ADSP2101BP100 AD-ADSP2101BP100 Datasheet
667Kb / 64P
ADSP-2100 Family DSP Microcomputers
REV. B
ADSP21020 AD-ADSP21020 Datasheet
422Kb / 32P
32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
DSP Microcomputer Family
REV.B
ADSP21565WCSWZ10RL AD-ADSP21565WCSWZ10RL Datasheet
2Mb / 104P
SHARC Single Core High Performance DSP (Up to 1 GHz)
2/2021-Rev. A to Rev. B
More results

Similar Description - ADSP21486KSWZ3ABRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
SHARC Processor
4/04-Data Sheet Changed from Rev. 0 to Rev. A
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
SHARC Processor
Dec-2005
ADSP-21371 AD-ADSP-21371 Datasheet
2Mb / 48P
SHARC Processor
Jun-2006
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
SHARC Processor
REV. A
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
SHARC Processor
REV. 0
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
SHARC Processor
REV. B
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
SHARC Processor
Rev. F
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com