Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC571KSWZ-4 Datasheet(PDF) 70 Page - Analog Devices

Part # ADSP-SC571KSWZ-4
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571KSWZ-4 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADSP-SC571KSWZ-4 Datasheet HTML 66Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 67Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 68Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 69Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 70Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 71Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 72Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 73Page - Analog Devices ADSP-SC571KSWZ-4 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 142 page
background image
Rev. B
|
Page 70 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
DDR2 SDRAM Write Cycle Timing
Table 45 and Figure 12 show DDR2 SDRAM write cycle timing, related to the DMC.
Table 45. DDR2 SDRAM Write Cycle Timing, VDD_DMC Nominal 1.8 V
400 MHz1
1 To ensure proper operation of the DDR2, all the DDR2 requirements must be strictly followed. See “Interfacing DDR3/DDR2/LPDDR Memory to ADSP-SC5xx/215xx
Processors” (EE-387).
Parameter
Min
Max
Unit
Switching Characteristics
tDQSS
DMC0_DQS Latching Rising Transitions to Associated Clock Edges2
2 Write command to first DMC0_DQS delay = WL × tCK + tDQSS.
–0.15
+0.15
tCK
tDS
Last Data Valid to DMC0_DQS Delay
0.1
ns
tDH
DMC0_DQS to First Data Invalid Delay
0.15
ns
tDSS
DMC0_DQS Falling Edge to Clock Setup Time
0.2
tCK
tDSH
DMC0_DQS Falling Edge Hold Time From DMC0_CK
0.2
tCK
tDQSH
DMC0_DQS Input High Pulse Width
0.35
tCK
tDQSL
DMC0_DQS Input Low Pulse Width
0.35
tCK
tWPRE
Write Preamble
0.35
tCK
tWPST
Write Postamble
0.4
tCK
tIPW
Address and Control Output Pulse Width
0.6
tCK
tDIPW
DMC0_DQ and DMC0_DM Output Pulse Width
0.35
tCK
Figure 12. DDR2 SDRAM Controller Output AC Timing
tDS
tDH
tDQSS
tDSH
tDSS
tWPRE
tDQSL
tDQSH
tWPST
DMC0_CK
tIPW
tDIPW
DMC0_LDQS/DMC0_UDQS
DMC0_LDQS/DMC0_UDQS
DMC0_CK
DMC0_Ax
DMC0 CONTROL
DMC0_DQSn
DMC0_DQSn
DMC0_LDM
DMC0_DQx
DMC0_UDM
NOTE: CONTROL =
DMC0_CS0, DMC0_CKE, DMC0_RAS, DMC0_CAS, AND DMC0_WE.
ADDRESS = DMC0_A00-13 AND DMC0_BA0-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com