Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0603C511CSMST Datasheet(PDF) 1 Page - Kemet Corporation

Part # Z0603C511CSMST
Description  KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 900 mOhms
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

Z0603C511CSMST Datasheet(HTML) 1 Page - Kemet Corporation

  Z0603C511CSMST Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: Z0603C511CSMST
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 900 mOhms
Dimensions
Chip Size
0603
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.15mm
B
0.3mm +/-0.2mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 4000
General Information
Series: Z-SMS
Style: SMD Chip
Description: Chip Bead Signal Line
Features:
Designed As A Noise
Countermeasure For
200MHz-500MHz Range Where
The Rise Of The Z Component Is
In The High Frequency Area
RoHS: Yes
Notes:
Internal Silver Printed Layer
Creates A Closed Circuit Which
Acts As A Magnetic Shield To
Minimize Heat Generation And
Crosstalk
Specifications
Impedance: 510 Ohms (100 mHz)
Impedance Tolerance: 25%
Ripple Current: 200 mA (MAX)
Temperature Range: -55/+125°C
Resistance: 0.9 Ohms
© 2006 - 2020 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 8/04/2020 - 5054ebd7-6b1f-45e9-a7a2-1c627aeb4cc5


Similar Part No. - Z0603C511CSMST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
Z0603C560CSMST KEMET-Z0603C560CSMST Datasheet
57Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 300 mOhms
More results

Similar Description - Z0603C511CSMST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
Z0402C182DSMST KEMET-Z0402C182DSMST Datasheet
58Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 900 mOhms
Z0402C330CSMST KEMET-Z0402C330CSMST Datasheet
56Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 300 mOhms
Z0402C601BSMST KEMET-Z0402C601BSMST Datasheet
56Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 590 mOhms
Z0805C751DSMST KEMET-Z0805C751DSMST Datasheet
59Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 300 mOhms
Z0603C182DSMST KEMET-Z0603C182DSMST Datasheet
58Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 850 mOhms
Z0603C241CSMST KEMET-Z0603C241CSMST Datasheet
57Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 800 mOhms
Z0603C431FSMST KEMET-Z0603C431FSMST Datasheet
58Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 250 mOhms
Z0603C560CSMST KEMET-Z0603C560CSMST Datasheet
57Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 300 mOhms
Z0603C601ESMST KEMET-Z0603C601ESMST Datasheet
57Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 400 mOhms
Z0805C252DSMST KEMET-Z0805C252DSMST Datasheet
59Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 750 mOhms
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com