Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZA048LACT Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # ZA048LACT
Description  Voltage Rating 28 to 48 VAC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

ZA048LACT Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  ZA048LACT Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
ROHS Compliant
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010 ·
www.mallory-sonalert.com
Dimensions: Inches (mm)
cUL Recognized
85 to 95 dB(A) Typ.
28 to 48 VAC/DC
Voltage Rating
Please contact factory.
NEMA 3R,4X, & 12
-30° to +65° C
-40° to +80° C
Used to attach part to panel. The max recommended torque is 10 in-lbs.
28 g
Operating Temperature
Panel Mounting
Knurled Nut
Options
Sound Level Category
Mode of Operation
Continuous
Specifications:
Approved with use of included gasket.
Weight (Typical)
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
Current Draw
40mA MAX
Storage Temperature
Loud
3900 ± 500 Hz
Housing Material
6/6 Nylon, Color: Black
Frequency
Loudness @ 2 FT
ZA048LACT
D
Mallory Sonalert Products,Inc.
Sales Outline Drawing
1.210 [30.74]
M22 x 1.5 Thread
<0.86 Maj. Dia.
0.524 [13.31]
Gasket
Knurl nut
1.710 [43.44]


Similar Part No. - ZA048LACT

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA048LACM1 MSPI-ZA048LACM1 Datasheet
132Kb / 1P
Voltage Rating 3900 짹 500 Hz
More results

Similar Description - ZA048LACT

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA048LADL1 MSPI-ZA048LADL1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADP2 MSPI-ZA048LADP2 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADT7 MSPI-ZA048LADT7 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LASR8 MSPI-ZA048LASR8 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MACM1 MSPI-ZA048MACM1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MADP3 MSPI-ZA048MADP3 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MADT8 MSPI-ZA048MADT8 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MAFP1 MSPI-ZA048MAFP1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MAMP1 MSPI-ZA048MAMP1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048SASR9 MSPI-ZA048SASR9 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com