Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02H0 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02H0
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02H0 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02H0 Datasheet HTML 1Page - Balluff Korea Ltd. BES02H0 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M18EI-PSC80B-S04G
Order Code: BES02H0
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 180002
ETIM 6.0: EC002714
BES02H0_0.7_2020-08-04
2 / 2
Material
Housing material
Stainless steel, Ceramic
Material sensing surface
PBT
Surface protection
Ceramic
Mechanical data
Dimension
Ø 18 x 65 mm
Installation
for flush mounting
Size
M18x1
Tightening torque
45 Nm
Output/Interface
Switching output
PNP normally open (NO)
Range/Distance
Assured operating distance Sa
6.4 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
8 mm
Real switching distance sr
8 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
Flush: See installation instructions for inductive sensors with extended range 939221.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com