Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02YM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02YM
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02YM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02YM Datasheet HTML 1Page - Balluff Korea Ltd. BES02YM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M30MI1-PSC22B-S04G
Order Code: BES02YM
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 120507
ETIM 6.0: EC002714
BES02YM_0.26_2020-03-05
2 / 2
Material
Housing material
Brass, Chrome-plated
Material sensing surface
PBT
Surface protection
Chrome-plated
Mechanical data
Dimension
Ø 30 x 73.5 mm
Installation
quasi-flush
Size
M30x1.5
Tightening torque
70 Nm
Output/Interface
Switching output
PNP normally open (NO)
Range/Distance
Assured operating distance Sa
17.6 mm
Hysteresis H max. (% of Sr)
10.0 %
Rated operating distance Sn
22 mm
Real switching distance sr
22 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
Quasi-flushed: See installation instructions for inductive sensors with extended range 825356.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com