Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS2005
Description  0.3 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS2005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS2005 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
286
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2005/2006
2/99
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
DIMENSIONS ARE IN INCHES (MILLIMETERS)
SMTO-8 Package for Amplifiers
0.3 TO 2000 MHz
TO-8 CASCADABLE AMPLIFIERS
DIMENSIONS ARE IN INCHES (MILLIMETERS)
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
TO-8 Package for Amplifiers
AC2005
AC2006
SPECIFICATIONS*
Typical Values
AC2005
AC2006
Extended Bandwidth . . . . . . . . . . . . . . . 0.1 to 2000 MHz
0.1 to 2000 MHz
Medium Output Power . . . . . . . . . . . . . .
+9.0 dBm
+11.0 dBm
Medium Third Order I.P. . . . . . . . . . . . . .
+21.0 dBm
+22.0 dBm
High Performance Thin Film
Standard Size TO-8
Guaranteed
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
0.1-2100 MHz
0.3-2000 MHz
0.3-2000 MHz
(Typical @ 25° C)
AC2005
AC2006
Second Order Harmonic Intercept Point . . . . .
+38 dBm
+41 dBm
Second Order Two Tone Intercept Point. . . . . .
+32 dBm
+35 dBm
Third Order Two Tone Intercept Point. . . . . . . .
+21 dBm
+22 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+18 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature (AC2005) . . . . . . . . . . . . . . . . . . . . . .
+125° C
Burn-in Temperature (AC2006) . . . . . . . . . . . . . . . . . . . . . .
+105° C
Thermal Resistance1 (
θjc; AC2005) . . . . . . . . . . . . . . . . . . .
+59° C/Watt
Thermal Resistance1 (
θjc; AC2006) . . . . . . . . . . . . . . . . . . .
+61° C/Watt
Junction Temperature Rise Above Case (Tjc; AC2005) . . .
+23.0° C
Junction Temperature Rise Above Case (Tjc; AC2006) . . .
+33.7° C
1 Thermal resistance is based on total power dissipation.
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
AC2005/AC2006
AS2005/AS2006
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ AC2006: 9.0 dB
Small Signal Gain (Min.)
10.8 dB
10.0 dB
9.5^ dB
Gain Flatness (Max.)
±0.25 dB
±0.7 dB
±0.8 dB
Noise Figure (Max.)
AC2005
4.4 dB
5.0 dB
5.5 dB
AC2006
5.0 dB
5.5 dB
6.0 dB
SWR (Max.)
Input
< 1.8:1
2.0:1
2.2:1
Output
< 1.5:1
2.0:1
2.0:1
Power Output (Min.)
@ 1dB comp.
AC2005
+9.0 dBm
+7.5 dBm
+7.0 dBm
AC2006
+11.0 dBm
+10.0 dBm
+9.5 dBm
DC Current (Max.)
AC2005
24.0 mA
26.0 mA
28.0 mA
AC2006
34.0 mA
37.0 mA
39.0 mA
If DC is present on RF input/output, this model
requires additional external blocking capacitors.
DIMENSIONS ARE IN INCHES (MILLIMETERS)


Similar Part No. - AS2005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS200 ETC-AS200 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS200 HOFFMANPRODUCTS-AS200 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Skyworks Solutions Inc.
AS200-313 SKYWORKS-AS200-313 Datasheet
47Kb / 2P
PHEMT GaAs IC 2 W High Linearity 5-6 GHz T/R Switch
AS200-313 SKYWORKS-AS200-313 Datasheet
209Kb / 4P
PHEMT GaAs IC 2 W High-Linearity 5-6 GHz T/R Switch
AS200-313LF SKYWORKS-AS200-313LF Datasheet
209Kb / 4P
PHEMT GaAs IC 2 W High-Linearity 5-6 GHz T/R Switch
More results

Similar Description - AS2005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2008 ETC-AP2008 Datasheet
108Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1012 TELEDYNE-AC1012 Datasheet
178Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1015 TELEDYNE-AC1015 Datasheet
178Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1057 TELEDYNE-AC1057 Datasheet
179Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1215 TELEDYNE-AC1215 Datasheet
178Kb / 2P
0.3 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
AC1227 TELEDYNE-AC1227 Datasheet
175Kb / 2P
0.3 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
AC2025 TELEDYNE-AC2025 Datasheet
162Kb / 2P
5 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
AC2038 TELEDYNE-AC2038 Datasheet
180Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
AC2092 TELEDYNE-AC2092 Datasheet
164Kb / 2P
30 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
AC2556 TELEDYNE-AC2556 Datasheet
131Kb / 1P
2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com