Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN36N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN36N60
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN36N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN36N60 Datasheet HTML 1Page - IXYS Corporation IXFN36N60 Datasheet HTML 2Page - IXYS Corporation IXFN36N60 Datasheet HTML 3Page - IXYS Corporation IXFN36N60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IXYS Corporation
3540 Bassett Street, Santa Clara,CA 95054
Tel: 408-982-0700
Fax: 408-496-0670
IXYS Semiconductor
Edisonstr. 15, D-68623 Lampertheim, Germany
Tel: +49-6206-5030
Fax: +49-6206-503629
I
XYS reserves the right to change limits, test conditions, and dimensions.
IXFK 32N60
IXFN 32N60
IXFK 36N60
IXFN 36N60
V
DSS
I
D25
R
DS(on)
t
rr
IXFK/FN 36N60 600V
36A
0.18
Ω 250ns
IXFK/FN 32N60 600V
32A
0.25
Ω 250ns
Preliminary Data
Symbol
Test Conditions
Maximum Ratings
IXFK
IXFN
V
DSS
T
J
= 25
°C to 150°C
600
600
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
600
600
V
V
GS
Continuous
±20
±20
V
V
GSM
Transient
±30
±30
V
I
D25
T
C = 25 °C, Chip capability
32N60
32
32
A
36N60
36
36
A
I
DM
T
C = 25°C, pulse width limited by TJM
32N60 128
128
A
36N60 144
144
A
I
AR
T
C = 25 °C20
20
A
E
AR
T
C = 25 °C30
30
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25 °C
500
520
W
T
J
-55 ...
+150
°C
T
JM
150
°C
T
stg
-55 ...
+150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
-
°C
V
ISOL
50/60 Hz, RMSt = 1 min
-
2500
V~
I
ISOL ≤ 1 mAt = 1 s
-
3000
V~
M
d
Mounting torque
0.9/6 1.5/13
Nm/lb.in.
Terminal connection torque
- 1.5/13
Nm/lb.in.
Weight
10
30
g
Features
•
International standard packages
•
JEDEC TO-264 AA, epoxy meet
UL 94 V-0, flammability classification
•
miniBLOC with Aluminium nitride
isolation
•
Low R
DS (on) HDMOS
TM process
•
Rugged polysilicon gate cell structure
•
Unclamped Inductive Switching (UIS)
rated
•
Low package inductance
•
Fast intrinsic Rectifier
Applications
•
DC-DC converters
•
Synchronous rectification
•
Battery chargers
•
Switched-mode and resonant-mode
power supplies
•
DC choppers
•
Temperature and lighting controls
•
Low voltage relays
Advantages
•
Easy to mount
•
Space savings
•
High power density
HiPerFETTMPower MOSFET
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr
92807G (01/96)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ. Max.
V
DSS
V
GS
= 0 V, I
D = 1 mA
600
V
V
GH(th)
V
DS
= V
GS, ID = 8 mA
2
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±200
nA
I
DSS
V
DS
= 0.8 V
DSS
T
J =
25
°C
400
µA
V
GS
= 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
36N60
0.18
Ω
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 % 32N60
0.25
Ω
TO-264 AA (IXFK)
S
G
D
D (TAB)
S
miniBLOC, SOT-227 B (IXFN)
E153432
S
G
D
G = Gate
D = Drain
S = Source
TAB = Drain
Either Source terminal at miniBLOC
can be used as Main or Kelvin Source
©1996 IXYS Corporation. All rights reserved.


Similar Part No. - IXFN36N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN36N100 IXYS-IXFN36N100 Datasheet
122Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN36N110P IXYS-IXFN36N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results

Similar Description - IXFN36N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN170N10 IXYS-IXFN170N10 Datasheet
145Kb / 4P
HiPerFET Power MOSFET
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
HiPerFET Power MOSFET
IXFN72N55Q2 IXYS-IXFN72N55Q2 Datasheet
560Kb / 4P
HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
IXFN43N60 IXYS-IXFN43N60 Datasheet
82Kb / 2P
HiPerFET Power MOSFET
FMK75-01F IXYS-FMK75-01F Datasheet
72Kb / 2P
HiPerFET Power MOSFET
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
HiPerFET Power MOSFET
IXFF24N100 IXYS-IXFF24N100_06 Datasheet
182Kb / 4P
HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com