Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZA048MASP1 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # ZA048MASP1
Description  Voltage Rating 28 to 48 VAC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

ZA048MASP1 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  ZA048MASP1 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
PATENT NUMBER
9576442
Specifications:
Mallory Sonalert Products,Inc.
ZA048MASP1
Sales Outline Drawing
G
Voltage Rating
28 to 48 VAC/DC
Sound Level Category
Medium
Mode of Operation
Slow Pulse @ 1 PPS
Panel Mounting
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
Knurled Nut
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Frequency
3900 ± 500 Hz
Loudness @ 2 FT
75 to 85 dB(A) Typ.
Current Draw
40mA MAX
Housing Material
6/6 Nylon, Color: Black
Storage Temperature
-40° to +80° C
Operating Temperature
-30° to +65° C
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
Weight (Typical)
28 g
NEMA 3R,4X, & 12
Approved with use of included gasket.
Options
Please contact factory.
Dimensions:
Inches (mm)
Supply voltage shall employ Transient Voltage Surge Suppression.
ROHS Compliant
Supply voltage shall employ Transient Voltage Surge Suppression.
cUL Recognition
1.210 [30.74]
M22 x 1.5 Thread
<0.86 Maj. Dia.
0.524 [13.31]
Gasket
Knurl nut
1.710 [43.44]
1.210 [30.74]
M22 x 1.5 Thread
<0.86 Maj. Dia.
0.524 [13.31]
Gasket
Knurl nut
1.710 [43.44]


Similar Part No. - ZA048MASP1

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA048MASR8 MSPI-ZA048MASR8 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MASR9 MSPI-ZA048MASR9 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MASS1 MSPI-ZA048MASS1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MASU2 MSPI-ZA048MASU2 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
More results

Similar Description - ZA048MASP1

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA048LACT MSPI-ZA048LACT Datasheet
46Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADL1 MSPI-ZA048LADL1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADP2 MSPI-ZA048LADP2 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LADT7 MSPI-ZA048LADT7 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048LASR8 MSPI-ZA048LASR8 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MACM1 MSPI-ZA048MACM1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MADP3 MSPI-ZA048MADP3 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MADT8 MSPI-ZA048MADT8 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048MAFP1 MSPI-ZA048MAFP1 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
ZA048SASR9 MSPI-ZA048SASR9 Datasheet
132Kb / 1P
Voltage Rating 28 to 48 VAC/DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com