Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEM2012F Datasheet(PDF) 1 Page - TDK Electronics

Part # MEM2012F
Description  3-terminal filters Signal line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MEM2012F Datasheet(HTML) 1 Page - TDK Electronics

  MEM2012F Datasheet HTML 1Page - TDK Electronics MEM2012F Datasheet HTML 2Page - TDK Electronics MEM2012F Datasheet HTML 3Page - TDK Electronics MEM2012F Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20190207
(1/4)
3tf_commercial_signal_mem2012f_en.fm
EMC Components
3-terminal filters
Signal line
MEM series
MEM2012F type
FEATURES
Multilayer chip EMC filter.
Monolithic structure makes it highly reliable.
Closed magnetic circuit structure makes it possible to achieve high-density mounting without crosstalk.
Has sharp attenuation characteristics with excellent EMC suppression.
Wide range of products compatible with passing frequencies and attenuating frequencies.
-type circuit is used.
Operating temperature range: –40 to +85°C
APPLICATION
Noise removal from signal lines of data terminals, digital cameras, computers, game machines, flat TVs, etc.
Application guides: Smart phones/tablets
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Measurement equipment
* Equivalent measurement equipment may be used.
MEM
2012
F
10R0
T
001
Series name
L×W×T dimensions
Product internal
code
Cutoff frequency
Packaging style
Internal code
2.0×1.25×0.85 mm
(MHz)
Cutoff frequency
(MHz)
Insertion loss
(dB)
Rated voltage
(V)max.
Rated current
(mA)max.
Part No.
10
20 [200MHz to 2GHz]
12
200
MEM2012F10R0T001
25
20 [300MHz to 2GHz]
12
200
MEM2012F25R0T001
50
20 [400MHz to 2GHz]
12
200
MEM2012F50R0T001
75
20 [700MHz to 2GHz]
12
200
MEM2012F75R0T001
100
20 [1.5GHz to 2GHz]
12
200
MEM2012F101RT001
Measurement item
Product No.
Manufacturer
Frequency characteristics
N5230C
Keysight Technologies
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - MEM2012F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM2012S TDK-MEM2012S Datasheet
161Kb / 4P
3-terminal filters Signal line
MEM2012S101RT001 TDK-MEM2012S101RT001 Datasheet
161Kb / 4P
3-terminal filters Signal line
MEM2012S201RT001 TDK-MEM2012S201RT001 Datasheet
161Kb / 4P
3-terminal filters Signal line
MEM2012S25R0T001 TDK-MEM2012S25R0T001 Datasheet
161Kb / 4P
3-terminal filters Signal line
MEM2012S35R0T001 TDK-MEM2012S35R0T001 Datasheet
161Kb / 4P
3-terminal filters Signal line
More results

Similar Description - MEM2012F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
3-terminal Filters(SMD) For Signal Line
ACF321825-101-TD01 TDK-ACF321825-101-TD01 Datasheet
82Kb / 4P
3-terminal Filters(SMD) For Signal Line
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
3-terminal Filters(SMD) For Signal Line
MEM2012V TDK-MEM2012V Datasheet
175Kb / 4P
3-terminal filters Signal line
MEM2012SC TDK-MEM2012SC Datasheet
165Kb / 4P
3-terminal filters Signal line
MEM2012S TDK-MEM2012S Datasheet
161Kb / 4P
3-terminal filters Signal line
MEM1005PP TDK-MEM1005PP Datasheet
159Kb / 4P
3-terminal filters Signal line MEM series
MEA1608PE TDK-MEA1608PE Datasheet
164Kb / 4P
3-terminal filters, SMD array Signal line
MEA1608L TDK-MEA1608L Datasheet
161Kb / 4P
3-terminal filters, SMD array Signal line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
3-terminal filters For signal line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com