Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP12N60C Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP12N60C
Description  HiPerFAST IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP12N60C Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP12N60C Datasheet HTML 1Page - IXYS Corporation IXGP12N60C Datasheet HTML 2Page - IXYS Corporation IXGP12N60C Datasheet HTML 3Page - IXYS Corporation IXGP12N60C Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 250
µA, V
GE = VGE
2.5
5.0
V
I
CES
V
CE = 0.8, VCES
T
J =
25
°C
200
µA
V
GE = 0 V
T
J = 125°C1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
CE90, VGE = 15
2.1
2.7
V
TO-220 AB
(IXGP)
↑ C (tab)
TO-263 AA (IXGA)
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C24
A
I
C90
T
C
= 90
°C12
A
I
CM
T
C
= 25
°C, 1 ms
48
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 33 Ω
I
CM = 24
A
(RBSOA)
Clamped inductive load, L = 300
µH
@ 0.8 V
CES
P
C
T
C
= 25
°C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque with screw M3
0.45/4 Nm/lb.in.
Mounting torque with screw M3.5
0.55/5 Nm/lb.in.
Weight
4g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
G = Gate
C
= Collector
E = Emitter
TAB = Collector
G
E
97534B (2/02)
HiPerFASTTM IGBT
Features
• Very high freqency IGBT
• New generation HDMOSTM process
• International standard package
JEDEC TO-220AB and TO-263AA
• High peak current handling capability
Applications
• PFC circuits
• AC motor speed control
• DC servo & robot drives
• Switch-mode and resonant-mode
power supplies
• High power audio amplifiers
Advantages
• Fast switching speed
• High power density
E
C
G
V
CES
= 600
V
I
C25
=2
4
A
V
CE(sat) =
2.7
V
t
fi(typ)
=55 ns
IXGA 12N60C
IXGP 12N60C


Similar Part No. - IXGP12N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP12N60CD1 IXYS-IXGP12N60CD1 Datasheet
74Kb / 2P
HiPerFAST IGBT Lightspeed Series
More results

Similar Description - IXGP12N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
HiPerFAST IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com