Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSM070P-ALD24-E40 Datasheet(PDF) 1 Page - DFI Inc

Part # KSM070P-ALD24-E40
Description  Modular-Designed Industrial Panel PC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KSM070P-ALD24-E40 Datasheet(HTML) 1 Page - DFI Inc

  KSM070P-ALD24-E40 Datasheet HTML 1Page - DFI Inc KSM070P-ALD24-E40 Datasheet HTML 2Page - DFI Inc KSM070P-ALD24-E40 Datasheet HTML 3Page - DFI Inc KSM070P-ALD24-E40 Datasheet HTML 4Page - DFI Inc KSM070P-ALD24-E40 Datasheet HTML 5Page - DFI Inc KSM070P-ALD24-E40 Datasheet HTML 6Page - DFI Inc KSM070P-ALD24-E40 Datasheet HTML 7Page - DFI Inc KSM070P-ALD24-E40 Datasheet HTML 8Page - DFI Inc KSM070P-ALD24-E40 Datasheet HTML 9Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KSM-AL Series
Intel Atom® / Celeron® Processor
Modular-Designed Industrial Panel PC
Features
Top View
Bottom View
Atom
COM 1~2
Power
VGA
LAN 1~2
• Support Adaptive Display Platform
• Multiple Panel Sizes with Resistive/P-Capacitive Touch Screen
• Front OSD & Auto Dimming
• Supports 24V / 9~48V Power Board Module
• Accessible 2.5" SATA Drive Bay
• IP65 Front Panel Protection
• 12V/24V/48V Ignition Power Control
• Wide Operating Temperature
IP65
Front panel
protection
4K2K
Display
4096x2160
Wide Voltage
Wide
Temperature
Modular-Designed
System
Overview
The KSM-AL series is DFI’s lineup of fanless panel PCs based on Intel Atom® processors for Industrial automation, infotainment, self-
service, smart transportation and IoT applications. This series supports 7- to 21.5- inch LED backlight LCD panel with features such as
PCAP or resistive touch, gloved finger touchscreen, auto-dimming and aluminum alloy front bezel plus IP65 rating for protection against
dust and water ingress. The KSM-AL series offers the option of built-in power ignition management and two internal Mini PCIe slots
suitable for in-vehicle applications and automatic guided vehicle market. With the extended power input from 9 to 48V DC and OVP/OCP/
ESD surge protection, the system can power on and operate safely.
The KSM-AL series also supports DFI’s Adaptive Display Platform (ADP) Technology. It is an innovative panel PC solution that offers the
flexibility of modularized integration of panel PC components for expedited product development and shortened time to market.
USB 3.0
USB 2.0
DP++
Mic-in
Line-out
VCC/ACC/GND
IGN
Status LED
SW
+


Similar Part No. - KSM070P-ALD24-E40

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
KSM0150175 THINKING-KSM0150175 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
KSM0240200 THINKING-KSM0240200 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
KSM0240350 THINKING-KSM0240350 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
KSM0240420 THINKING-KSM0240420 Datasheet
194Kb / 4P
Polymer PTC Resettable Fuse
More results

Similar Description - KSM070P-ALD24-E40

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KSM-SD DFI-KSM-SD Datasheet
1Mb / 6P
Modular-Designed Industrial Panel PC
KSM-KH DFI-KSM-KH Datasheet
1Mb / 6P
Modular-Designed Industrial Panel PC
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
TPC121 DFI-TPC121 Datasheet
2Mb / 4P
12.1 Heavy Industrial Touch Panel PC
logo
Weidmuller
2676450000 WEIDMULLER-2676450000 Datasheet
141Kb / 3P
Industrial Panel-PC, Display size 10.1
November 4, 2021
2676500000 WEIDMULLER-2676500000 Datasheet
142Kb / 3P
Industrial Panel-PC, Display size 15.6
November 4, 2021
2676530000 WEIDMULLER-2676530000 Datasheet
143Kb / 3P
Industrial Panel-PC, Display size 15.6
November 4, 2021
2676540000 WEIDMULLER-2676540000 Datasheet
143Kb / 3P
Industrial Panel-PC, Display size 15.6
November 4, 2021
logo
Advantech Co., Ltd.
TPC-2000 ADVANTECH-TPC-2000 Datasheet
607Kb / 2P
Modular Industrial Thin-Client Panel Computer
5-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com