Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSM101P-ALD24-N50 Datasheet(PDF) 4 Page - DFI Inc

Part # KSM101P-ALD24-N50
Description  Modular-Designed Industrial Panel PC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KSM101P-ALD24-N50 Datasheet(HTML) 4 Page - DFI Inc

  KSM101P-ALD24-N50 Datasheet HTML 1Page - DFI Inc KSM101P-ALD24-N50 Datasheet HTML 2Page - DFI Inc KSM101P-ALD24-N50 Datasheet HTML 3Page - DFI Inc KSM101P-ALD24-N50 Datasheet HTML 4Page - DFI Inc KSM101P-ALD24-N50 Datasheet HTML 5Page - DFI Inc KSM101P-ALD24-N50 Datasheet HTML 6Page - DFI Inc KSM101P-ALD24-N50 Datasheet HTML 7Page - DFI Inc KSM101P-ALD24-N50 Datasheet HTML 8Page - DFI Inc KSM101P-ALD24-N50 Datasheet HTML 9Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KSM-AL Series
Dimensions
75
208.50
Z
X
50.80
Left View
Bottom View
Right View
Top View
Front View
System Dimensions (mm)
Display Type
X1
Y1
Z1
7" LCD
224
163.55
72.9
10.1" LCD
275
212.3
72.9
12.1" LCD
308
265.3
77.9
15" LCD
387
320
80.5
15.6" LCD
407.3
277.3
76.1
17" LCD
404
363.8
80.9
18.5" LCD
472.1
314.1
80.9
19" LCD
467
400
80.5
21.5" LCD
544.2
360.63
80.9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com