Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC121 Datasheet(PDF) 1 Page - DFI Inc

Part # TPC121
Description  12.1 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC121 Datasheet(HTML) 1 Page - DFI Inc

  TPC121 Datasheet HTML 1Page - DFI Inc TPC121 Datasheet HTML 2Page - DFI Inc TPC121 Datasheet HTML 3Page - DFI Inc TPC121 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPC121
Panel
• 12.1" 1024x768 TFT LCD Panel with Touch Screen
• 1x 2.5" SATA drive bay
• 2 USB 2.0 at the front panel for easy access
• 5 function keys at the front panel
• Built-in antenna for optional Wi-Fi
• VESA/Wall/Panel Mount
3rd/2nd Gen Intel® CoreTM
12.1" Heavy Industrial Touch Panel PC
Wi-Fi
IP65
Front panel
protection
2 COM
HDMI
Optional
Optical Drive
USB
Front View
Built-in antenna
Line-in
Mic-in
Line-out
COM 2
COM 1
PS/2 KB
PS/2 Mouse
USB 2.0
19~24V DC-in
(standard)
Power Switch
LAN
DVI-I
HDMI
24V DC-in
(option)
Expansion slot
Function keys (standard)
Alarm LED
HDD LED
Power LED
Power
Volume
Brightness
Bottom View
Press the buttons simultaneously to switch the screen between bright and dim.
Bright/Dim Switch (optional)
Alarm LED
HDD LED
Power LED
Power
Bright/Dim Switch
Volume Up/Down
Wide
Temperature
-100C
500C
Features
H61


Similar Part No. - TPC121

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPC12 VISHAY-TPC12 Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
04-Aug-08
TPC12 VISHAY-TPC12 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
10-May-11
TPC12A VISHAY-TPC12A Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
04-Aug-08
TPC12A VISHAY-TPC12A Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
10-May-11
TPC12A VISHAY-TPC12A Datasheet
102Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
19-Apr-2022
More results

Similar Description - TPC121

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
12.1??Infrared Touch Panel
28-Jun-01
logo
DFI Inc
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
15 Heavy Industrial Touch Panel PC
TPC170 DFI-TPC170 Datasheet
3Mb / 4P
17 Heavy Industrial Touch Panel PC
logo
Weidmuller
2676470000 WEIDMULLER-2676470000 Datasheet
142Kb / 3P
Industrial Panel-PC, Display size 12.1
November 4, 2021
2676480000 WEIDMULLER-2676480000 Datasheet
142Kb / 3P
Industrial Panel-PC, Display size 12.1
November 4, 2021
2676510000 WEIDMULLER-2676510000 Datasheet
143Kb / 3P
Industrial Panel-PC, Display size 12.1
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com